Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA741 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA741
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA741 Datasheet(HTML) 4 Page - Texas Instruments

  TPA741 Datasheet HTML 1Page - Texas Instruments TPA741 Datasheet HTML 2Page - Texas Instruments TPA741 Datasheet HTML 3Page - Texas Instruments TPA741 Datasheet HTML 4Page - Texas Instruments TPA741 Datasheet HTML 5Page - Texas Instruments TPA741 Datasheet HTML 6Page - Texas Instruments TPA741 Datasheet HTML 7Page - Texas Instruments TPA741 Datasheet HTML 8Page - Texas Instruments TPA741 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
OPERATING CHARACTERISTICS
PARAMETER MEASUREMENT INFORMATION
Audio
Input
Bias
Control
VDD
6
5
7
VO+
VDD
1
2
4
BYPASS
IN–
VDD/2
CI
RI
CS
CB
RF
SHUTDOWN
VO– 8
RL = 8 Ω
GND
3
IN+
+
+
TPA741
SLOS316C – JUNE 2000 – REVISED JUNE 2004
V
DD = 5 V, TA = 25°C, RL = 8Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 0.5%,
See Figure 13
700(1)
mW
PO = 250 mW, f = 200 Hz to 4 kHz,
THD + N
Total harmonic distortion plus noise
0.5%
See Figure 11
BOM
Maximum output power bandwidth
AV = -2 V/V,
THD = 2%, See Figure 11
20
kHz
B1
Unity-gain bandwidth
Open loop,
See Figure 16
1.4
MHz
kSVR
Supply ripple rejection ratio
f = 1 kHz,
CB = 1 µF, See Figure 2
80
dB
Vn
Noise output voltage
AV = -1 V/V,
CB = 0.1 µF, See Figure 20
17
µV(rms)
(1)
The DGN package, properly mounted, can conduct 700-mW RMS power continuously. The D package can only conduct 350-mW RMS
power continuously with peaks to 700 mW.
Figure 1. BTL Mode Test Circuit
4


Similar Part No. - TPA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741D TI-TPA741D Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741DGN TI-TPA741DGN Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

Similar Description - TPA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751 Datasheet
362Kb / 23P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA751 TI-TPA751_07 Datasheet
919Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731 Datasheet
343Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_15 Datasheet
1Mb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com