Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDLL916B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDLL916B
Description  Small Signal Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDLL916B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDLL916B Datasheet HTML 1Page - Fairchild Semiconductor FDLL916B Datasheet HTML 2Page - Fairchild Semiconductor FDLL916B Datasheet HTML 3Page - Fairchild Semiconductor FDLL916B Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448 Rev. B2
January 2007
1N/FDLL 914/A/B / 916/A/B / 4148 / 4448
Small Signal Diode
Absolute Maximum Ratings* T
a=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
100
V
IO
Average Rectified Forward Current
200
mA
IF
DC Forward Current
300
mA
if
Recurrent Peak Forward Current
400
mA
IFSM
Non-repetitive Peak Forward Surge Current
Pulse Width = 1.0 second
Pulse Width = 1.0 microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to + 175
°C
TJ
Operating Junction Tempera
-65 to + 175
°C
Symbol
Parameter
Max.
Units
1N/FDLL 914/A/B / 4148 / 4448
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
300
°C/W
LL-34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
LL-34 COLOR BAND MARKING
DEVICE
1ST BAND
2ND BAND
FDLL914
BLACK
BROWN
FDLL914A
BLACK
GRAY
DO-35
FDLL914B
BROWN
BLACK
FDLL916
BLACK
RED
FDLL916A
BLACK
WHITE
FDLL916B
BROWN
BROWN
FDLL4148
BLACK
BROWN
FDLL4448
BROWN
BLACK
-1st band denotes cathode terminal
and has wider width
Cathode is denoted with a black band


Similar Part No. - FDLL916B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL916B FAIRCHILD-FDLL916B Datasheet
78Kb / 4P
   Small Signal Diode
FDLL916B FAIRCHILD-FDLL916B Datasheet
336Kb / 10P
   General Purpose Diodes
FDLL916B FAIRCHILD-FDLL916B Datasheet
116Kb / 4P
   Small Signal Diode
FDLL916B FAIRCHILD-FDLL916B Datasheet
137Kb / 6P
   Small Signal Diode
More results

Similar Description - FDLL916B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N456A FAIRCHILD-1N456A Datasheet
25Kb / 2P
   Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
   Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
   Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
   Small Signal Diode
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
   Small Signal Diode
1N485B FAIRCHILD-1N485B Datasheet
61Kb / 2P
   Small Signal Diode
1N4305 FAIRCHILD-1N4305 Datasheet
27Kb / 2P
   Small Signal Diode
1N4447 FAIRCHILD-1N4447_11 Datasheet
96Kb / 2P
   Small Signal Diode
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
   Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
   Small Signal Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com