Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BUL1403ED Datasheet(PDF) 1 Page - STMicroelectronics

Part No. BUL1403ED
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL1403ED Datasheet(HTML) 1 Page - STMicroelectronics

  BUL1403ED_02 Datasheet HTML 1Page - STMicroelectronics BUL1403ED_02 Datasheet HTML 2Page - STMicroelectronics BUL1403ED_02 Datasheet HTML 3Page - STMicroelectronics BUL1403ED_02 Datasheet HTML 4Page - STMicroelectronics BUL1403ED_02 Datasheet HTML 5Page - STMicroelectronics BUL1403ED_02 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BUL1403ED
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
INTEGRATED ANTISATURATION AND
PROTECTION NETWORK
s
INTEGRATED ANTIPARALLEL COLLECTOR
EMITTER DIODE
s
HIGH VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
s
ARCING TEST SELF PROTECTED
APPLICATIONS
s
2/4 LAMPS ELECTRONIC BALLAST FOR
FLUORESCENT LIGHTING 277 VAC
PUSH-PULL CONFIGURATION
DESCRIPTION
The BUL1403ED is a new device, designed for
fluorescent electronic ballast 277 VAC push-pull
applications (up to 4 lamps).
This device, it can be used without baker clamp
and
transil
protection,
reducing
greatly the
component count.
INTERNAL SCHEMATIC DIAGRAM
September 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
1400
V
VCEO
Collector-Emitter Voltage (IB = 0)
650
V
VEBO
Emitter-Base Voltage (IC = 0)
11
V
IC
Collector Current
3
A
ICM
Collector Peak Current (tp <5 ms)
6
A
IB
Base Current
2
A
IBM
Base Peak Current (tp <5 ms)
4
A
Ptot
Total Dissipation at Tc = 25
oC80
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
3
TO-220
®
1/6


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn