Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5099 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN5099
Description  Wide Frequency Synchronous Buck PWM AND LDO Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5099 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5099 Datasheet HTML 7Page - Fairchild Semiconductor FAN5099 Datasheet HTML 8Page - Fairchild Semiconductor FAN5099 Datasheet HTML 9Page - Fairchild Semiconductor FAN5099 Datasheet HTML 10Page - Fairchild Semiconductor FAN5099 Datasheet HTML 11Page - Fairchild Semiconductor FAN5099 Datasheet HTML 12Page - Fairchild Semiconductor FAN5099 Datasheet HTML 13Page - Fairchild Semiconductor FAN5099 Datasheet HTML 14Page - Fairchild Semiconductor FAN5099 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5099 Rev. 1.1.3
11
PWM Operation
Refer to Figure 21 for the PWM control mechanism. The
FAN5099 uses the summing mode method of control to
generate the PWM pulses. The amplified output of the
current-sense amplifier is summed with an internally
generated ramp and the combined signal is amplified
and compared with the output of the error amplifier to get
the pulse width to drive the high-side MOSFET. The
sensed current from the previous cycle is used to modu-
late the output of the summing block. The output of the
summing block is also compared against the voltage
threshold set by the RLIM resistor to limit the inductor cur-
rent on a cycle-by-cycle basis. The controller facilitates
external compensation for enhanced flexibility.
Initialization
When the PWM is disabled, the SW node is connected
to GND through an internal 500
Ω MOSFET to slowly dis-
charge the output. As long as the PWM controller is
enabled, this internal MOSFET remains OFF.
Soft-Start (PWM and LDO)
When VCC exceeds the UVLO threshold and EN is high,
the circuit releases SS and enables the PWM regulator.
The capacitor connected to the SS pin and GND is
charged by a 10µA internal current source, causing the
voltage on the capacitor to rise. When this voltage
exceeds 1.2V, all protection circuits are enabled. When
this voltage exceeds 2.2V, the LDO output is enabled.
The input to the error amplifier at the non-inverting pin is
clamped by the voltage on the SS pin until it crosses the
reference voltage.
The time it takes the PWM output to reach regulation
(TRise) is calculated using the following equation:
(CSS is in μf)
(EQ. 1)
Oscillator Clock Frequency (PWM)
The clock frequency on the oscillator is set using an
external resistor, connected between R(T) pin and
ground. The frequency follows the graph, as shown in
Figure 18. The minimum clock frequency is 50kHz,
which is when R(T) pin is left open. Select the value of
R(T) as shown in the equation below. This equation is
valid for all FOSC > 50kHz:
(EQ. 2)
where, FOSC is in Hz.
For example, for FOSC = 80kHz, R(t) = 199kΩ.
RRAMP Selection and Feedforward Operation
The FAN5099 provides for input voltage feedforward
compensation through RRAMP. The value of RRAMP effec-
tively changes the slope of the internal ramp, minimizing
the variation of the PWM modulator gain when input volt-
age varies. The RRAMP effect on the current limit is
explained in later sections. The RRAMP value can be
approximated using the following equation:
(EQ. 3)
where FOSC is in Hz. For example, for FOSC = 80kHz and
VIN = 12V, RRAMP = 2MΩ.
Gate Drive Section
The adaptive gate control logic translates the internal
PWM control signal into the MOSFET gate drive signals
and provides necessary amplification, level shifting, and
shoot-through protection. It also has functions that help
optimize the IC performance over a wide range of oper-
ating conditions. Since the MOSFET switching time can
vary dramatically from device to device and with the
input voltage, the gate control logic provides adaptive
dead time by monitoring the gate-to-source voltages of
both upper and lower MOSFETs. The lower MOSFET
drive is not turned on until the gate-to-source voltage of
the upper MOSFET has decreased to less than approxi-
mately 1V. Similarly, the upper MOSFET is not turned on
until the gate-to-source voltage of the lower MOSFET
has decreased to less than approximately 1V. This
allows a wide variety of upper and lower MOSFETs to be
used without a concern for simultaneous conduction, or
shoot-through.
A low impedance path between the driver pin and the
MOSFET gate is recommended for the adaptive dead-
time circuit to work properly. Any delay along this path
reduces the delay generated by the adaptive dead-time
circuit, thereby increasing the chances for shoot-through.
Protection
In the FAN5099, the converter is protected against over-
load, short-circuit, over-voltage, and under-voltage con-
ditions. All of these extreme conditions generate an
internal “fault latch” which shuts down the converter. For
all fault conditions, both the high-side and the low-side
drives are off, except in the case of OVP, where the low-
side MOSFET is turned on until the voltage on the FB pin
goes below 0.4V. The fault latch can be reset either by
toggling the EN pin or recycling VCC to the chip.
Over-Current Limit (PWM)
The PWM converter is protected against overloading
through a cycle-by-cycle current limit set by selecting
RILIM resistor. An internal 10µA current source sets the
threshold voltage for the output of the summing amplifier.
When the summing amplifier output exceeds this thresh-
old level, the current limit comparator trips and the PWM
starts skipping pulses. If the current limit tripping occurs
for 16 continuous clock cycles, a fault latch is set and the
TRISE
810
2
×
CSS
×
=
Rt
()
410
7
×
6.25 FOSC
×
2.99 10
5
×
------------------------------------------------------------------k
Ω
=
RRAMP
V IN nom
,
()
1.8
6.3
8
×10
FOSC
×
--------------------------------------------K
Ω
=


Similar Part No. - FAN5099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099EMTCX FAIRCHILD-FAN5099EMTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099EMX FAIRCHILD-FAN5099EMX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099MTCX FAIRCHILD-FAN5099MTCX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
FAN5099MX FAIRCHILD-FAN5099MX Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
More results

Similar Description - FAN5099

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5099 FAIRCHILD-FAN5099_08 Datasheet
928Kb / 24P
   Wide Frequency Synchronous Buck PW & LDO Controller
logo
Texas Instruments
TPS5110 TI-TPS5110_15 Datasheet
988Kb / 45P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS5110 TI1-TPS5110_16 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3628MPBF IRF-IR3628MPBF Datasheet
568Kb / 22P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com