Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYM13-20 Datasheet(PDF) 2 Page - Seme LAB

Part No. BYM13-20
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BYM13-20 Datasheet(HTML) 2 Page - Seme LAB

  BYM13-20 Datasheet HTML 1Page - Seme LAB BYM13-20 Datasheet HTML 2Page - Seme LAB BYM13-20 Datasheet HTML 3Page - Seme LAB BYM13-20 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 88548
03-Nov-06
Vishay General Semiconductor
BYM13-20 thru BYM13-60, SGL41-20 thru SGL41-60
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) Thermal resistance junction to terminal, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYM13-20
BYM13-30
BYM13-40
BYM13-50
BYM13-60
UNIT
SGL41-20
SGL41-30
SGL41-40
SGL41-50
SGL41-60
Maximum instantaneous
forward voltage (1)
at 1.0 A
VF
0.50
0.70
V
Maximum reverse
current at rated DC
blocking voltage (1)
TA = 25 °C
TA = 100 °C
IR
0.5
mA
10
5.0
Typical junction
capacitance
at 4.0 V, 1.0 MHz
CJ
110
80
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM13-20
BYM13-30
BYM13-40
BYM13-50
BYM13-60
UNIT
SGL41-20
SGL41-30
SGL41-40
SGL41-50
SGL41-60
Maximum thermal resistance (1)
RθJA
RθJT
75
30
°C/W
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SGL41-40-E3/96
0.114
96
1500
7" Diameter Plastic Tape & Reel
GL41-40-E3/97
0.114
97
5000
13" Diameter Plastic Tape & Reel
BYM13-40-E3/96
0.114
96
1500
7" Diameter Plastic Tape & Reel
BYM13-40-E3/97
0.114
97
5000
13" Diameter Plastic Tape & Reel
Figure 1. Forward Current Derating Curve
0
25
50
75
100
125
150
175
P.C.B. Mounted
on 0.24 x 0.24"
(6.0 x 6.0 mm)
Copper Land
Areas
Resistive or
Inductive Load
SGL41-20 - SGL41-40
SGL41-50 & SGL41-60
1.0
0.75
0.50
0.25
0
Terminal Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
1
5
10
15
20
25
30
10
100
At Rated Td
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SBR2A30P1 2.0A SBR Surface Mount Super Barrier Rectifier 1  2  3  4  Diodes Incorporated
SS10PH9 High Current Density Surface Mount High-Voltage Schottky Rectifier 1  2  3  4  5  Vishay Siliconix
SBR2A40P1 2.0A SBR Surface Mount Super Barrier Rectifier 1  2  3  4  Diodes Incorporated
SBR2M30P1 2.0A SBR Surface Mount Super Barrier Rectifier 1  2  3  4  Diodes Incorporated
MBRM120L Surface Mount Schottky Power Rectifier 1  2  3  4  5  ON Semiconductor
PBYR235CT Rectifier diodes Schottky barrier 1  2  3  4  5  NXP Semiconductors
MURA260T3 Surface Mount Ultrafast Power Rectifier 1  2  3  4  ON Semiconductor
SMS1546 Surface Mount Mixer and Detector Schottky Diodes 1  2  3  Alpha Industries
SMS7621 Surface Mount Mixer and Detector Schottky Diodes 1  2  3  4  5  Skyworks Solutions Inc.
MBR10100C SCHOTTKY BARRIER RECTIFIER 1  2  Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn