Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYM13-20 Datasheet(PDF) 1 Page - Seme LAB

Part No. BYM13-20
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BYM13-20 Datasheet(HTML) 1 Page - Seme LAB

  BYM13-20 Datasheet HTML 1Page - Seme LAB BYM13-20 Datasheet HTML 2Page - Seme LAB BYM13-20 Datasheet HTML 3Page - Seme LAB BYM13-20 Datasheet HTML 4Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay General Semiconductor
BYM13-20 thru BYM13-60, SGL41-20 thru SGL41-60
Document Number 88548
03-Nov-06
www.vishay.com
1
Surface Mount Schottky Barrier Rectifier
FEATURES
• MELF Schottky rectifier
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020C, LF max peak
of 250 °C
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in low voltage high frequency inverters, free-
wheeling, dc-to-dc converters, and polarity protection
applications
MECHANICAL DATA
Case: DO-213AB
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
E3 suffix for commercial grade, HE3 suffix for high
reliability grade (AEC Q101 qualified)
Polarity: Two bands indicate cathode end 1st band
denotes device type 2nd band denotes voltage type
DO-213AB
MAJOR RATINGS AND CHARACTERISTICS
IF(AV)
1.0 A
VRRM
20 V to 60 V
IFSM
30 A
VF
0.50 V, 0.70 V
Tj max.
125 °C, 150 °C
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL BYM13-20 BYM13-30 BYM13-40 BYM13-50 BYM13-60
UNIT
Denotes Schottky devices: 1st band is orange
SGL41-20
SGL41-30
SGL41-40
SGL41-50
SGL41-60
Polarity color bands (2nd band) voltage type
Gray
Red
Orange
Yellow
Green
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum average forward rectified current (see Fig.
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
IFSM
30
A
Voltage rate of change (rated VR)
dv/dt
10000
V/µs
Operating junction temperature range
TJ
- 55 to + 125
- 55 to + 150
°C
Storage temperature range
TSTG
- 55 to + 150
°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SBR2A30P1 2.0A SBR Surface Mount Super Barrier Rectifier 1  2  3  4  Diodes Incorporated
SS10PH9 High Current Density Surface Mount High-Voltage Schottky Rectifier 1  2  3  4  5  Vishay Siliconix
SBR2A40P1 2.0A SBR Surface Mount Super Barrier Rectifier 1  2  3  4  Diodes Incorporated
SBR2M30P1 2.0A SBR Surface Mount Super Barrier Rectifier 1  2  3  4  Diodes Incorporated
MBRM120L Surface Mount Schottky Power Rectifier 1  2  3  4  5  ON Semiconductor
PBYR235CT Rectifier diodes Schottky barrier 1  2  3  4  5  NXP Semiconductors
MURA260T3 Surface Mount Ultrafast Power Rectifier 1  2  3  4  ON Semiconductor
SMS1546 Surface Mount Mixer and Detector Schottky Diodes 1  2  3  Alpha Industries
SMS7621 Surface Mount Mixer and Detector Schottky Diodes 1  2  3  4  5  Skyworks Solutions Inc.
MBR10100C SCHOTTKY BARRIER RECTIFIER 1  2  Unisonic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn