Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC194ME4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74HC194ME4
Description  High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC194ME4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC194ME4 Datasheet HTML 1Page - Texas Instruments CD74HC194ME4 Datasheet HTML 2Page - Texas Instruments CD74HC194ME4 Datasheet HTML 3Page - Texas Instruments CD74HC194ME4 Datasheet HTML 4Page - Texas Instruments CD74HC194ME4 Datasheet HTML 5Page - Texas Instruments CD74HC194ME4 Datasheet HTML 6Page - Texas Instruments CD74HC194ME4 Datasheet HTML 7Page - Texas Instruments CD74HC194ME4 Datasheet HTML 8Page - Texas Instruments CD74HC194ME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Prerequisite For Switching Function
PARAMETER
SYMBOL
TEST
CONDITIONS VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
HC TYPES
Max. Clock Frequency
(Figure 1)
fMAX
-
2
6-5-4-
MHz
4.5
30
-
24
-
20
-
MHz
6
35
-
28
-
23
-
MHz
MR Pulse Width
(Figure 2)
tW
-
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Clock Pulse Width
(Figure 1)
tW
-
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time
Data to Clock (Figure 3)
tSU
-
2
70
-
90
-
105
-
ns
4.5
14
-
18
-
21
-
ns
6
12-15
-19-
ns
Removal Time,
MR to Clock (Figure 2)
tREM
-
2
60
-
75
-
90
-
ns
4.5
12
-
15
-
18
-
ns
6
10-13
-15-
ns
Set-Up Time
S1, S0 to Clock (Figure 4)
tSU
-
2
80
-
100
-
120
-
ns
4.5
16
-
20
-
24
-
ns
6
14-17
-20-
ns
Set-up Time
DSL, DSR to Clock (Figure 4)
tSU
-
2
70
-
90
-
105
-
ns
4.5
14
-
18
-
21
-
ns
6
12-15
-18-
ns
Hold Time
S1, S0 to Clock (Figure 4)
tH
-
2
0-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
Hold Time
Data to Clock (Figure 3)
tH
-
2
0-0-0-
ns
4.5
0-0-0-
ns
6
0
-0-0-
ns
HCT TYPES
Max. Clock Frequency (Figure 1)
fMAX
-
4.5
27
-
22
-
18
-
MHz
MR Pulse Width (Figure 2)
tW
-
4.5
16
-
20
-
24
-
ns
Clock Pulse Width (Figure 1)
tW
-
4.5
16
-
20
-
24
-
ns
Set-up Time, Data to Clock
(Figure 3)
tSU
-
4.5
14
-
18
-
21
-
ns
Removal Time MR to Clock
(Figure 2)
tREM
-
4.5
12
-
15
-
18
-
ns
CD54HC194, CD74HC194, CD74HCT194


Similar Part No. - CD74HC194ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC194ME4 TI-CD74HC194ME4 Datasheet
554Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
More results

Similar Description - CD74HC194ME4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC194 TI-CD54HC194_08 Datasheet
526Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD54HC194 TI-CD54HC194 Datasheet
339Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
CD74HC194 TI-CD74HC194 Datasheet
47Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
74HC194N TI-74HC194N Datasheet
554Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Vectron International, ...
CD54HC194 VECTRON-CD54HC194_1 Datasheet
526Kb / 17P
   High-Speed CMOS Logic 4-Bit Bidirectional Universal Shift Register
logo
Intersil Corporation
CD40104BMS INTERSIL-CD40104BMS Datasheet
129Kb / 10P
   CMOS 4-Bit Bidirectional Universal Shift Register
December 1992
logo
Texas Instruments
CD40194B TI-CD40194B Datasheet
233Kb / 7P
[Old version datasheet]   CMOS 4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
CD40194BE TI1-CD40194BE Datasheet
342Kb / 9P
[Old version datasheet]   CMOS 4-Bit Bidirectional Universal Shift Register
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com