Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LCX374 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part No. 74LCX374
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX374 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button 74LCX374_06 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 9Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 10Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 11Page - Fairchild Semiconductor 74LCX374_06 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
www.fairchildsemi.com
74LCX374 Rev. 2.0.0
Tape and Reel Specification
Tape Format for DQFN
Tape Dimensions inches (millimeters)
Reel Dimensions inches (millimeters)
Package
Designator
Tape
Section
Number
Cavities
Cavity
Status
Cover Tape
Status
BQX
Leader (Start End)
125 (typ)
Empty
Sealed
Carrier
3000
Filled
Sealed
Trailer (Hub End)
75 (typ)
Empty
Sealed
Tape Size
ABCDN
W1
W2
12 mm
13.0
(330.0)
0.059
(1.50)
0.512
(13.00)
0.795
(20.20)
2.165
(55.00)
0.488
(12.4)
0.724
(18.4)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX16374 Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX373 Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX16839 Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX32 Low Voltage Quad 2-Input OR Gate with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX16646 Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
74VCX162245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCX2244 Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC16245_05 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor
F74ALVC16245 Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn