Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7881 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7881
Description  16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7881 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS7881 Datasheet HTML 6Page - Burr-Brown (TI) ADS7881 Datasheet HTML 7Page - Burr-Brown (TI) ADS7881 Datasheet HTML 8Page - Burr-Brown (TI) ADS7881 Datasheet HTML 9Page - Burr-Brown (TI) ADS7881 Datasheet HTML 10Page - Burr-Brown (TI) ADS7881 Datasheet HTML 11Page - Burr-Brown (TI) ADS7881 Datasheet HTML 12Page - Burr-Brown (TI) ADS7881 Datasheet HTML 13Page - Burr-Brown (TI) ADS7881 Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.ti.com
39
40
41
42
43
44
45
46
250
500
750
1000
SampleRate-KSPS
+VA =5V,
+VBD=5V,
T
=25°C,
V
=4.096V
A
ref
-0.65
-0.52
-0.39
-0.26
-0.13
0
0.13
0.26
0.39
0.52
0.65
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature- C
A
º
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
s
ref
Min
Max
-0.50
-0.25
0
0.25
0.50
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-C
A
Min
Max
-0.50
-0.25
0
0.25
0.50
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25 C,,
f =1MSPS,
V
=4.096V
A
s
ref
°
Max
Min
-0.65
-0.52
-0.39
-0.26
-0.13
0
0.13
0.26
0.39
0.52
0.65
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
Min
Max
T
=25 C
f =1MSPS,
V
=4.096V
A
s
ref
°
-0.50
-0.25
0
0.25
0.50
3
3.2
3.4
3.6
3.8
4
4.2
ReferenceVoltage-V
Min
Max
V
=5V,
T
=25 C,
f =1MSPS
DD
A
s
°
-0.65
-0.52
-0.39
-0.26
-0.13
0
0.13
0.26
0.39
0.52
0.65
3
3.2
3.4
3.6
3.8
4
4.2
ReferenceVoltage-V
Min
Max
V
=5V,
T
=25 C,
f =1MSPS
DD
A
s
°
-0.100
-0.050
0
0.050
0.100
0.150
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25°C,
f =1MSPS,
V
=4.096V
A
s
ref
-0.200
-0.150
-0.100
-0.050
0
0.050
0.100
0.150
0.200
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-ºC
A
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
s
ref
ADS8472
SLAS514 – DECEMBER 2006
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
vs
SAMPLE RATE
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7.
Figure 8.
Figure 9.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
vs
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
REFERENCE VOLTAGE
Figure 10.
Figure 11.
Figure 12.
INTEGRAL NONLINEARITY
OFFSET ERROR
OFFSET ERROR
vs
vs
vs
REFERENCE VOLTAGE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 13.
Figure 14.
Figure 15.
10
Submit Documentation Feedback


Similar Part No. - ADS7881

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7881 TI-ADS7881 Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7881 TI-ADS7881 Datasheet
959Kb / 29P
[Old version datasheet]   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER
ADS7881IPFBR TI-ADS7881IPFBR Datasheet
337Kb / 26P
[Old version datasheet]   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7881IPFBR BURR-BROWN-ADS7881IPFBR Datasheet
831Kb / 31P
   12-BIT, 4-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7881IPFBR TI1-ADS7881IPFBR Datasheet
1Mb / 32P
[Old version datasheet]   4 MHz Sample Rate, 12-Bit Resolution High Speed Parallel Interface
More results

Similar Description - ADS7881

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com