Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6349AG Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2N6349AG
Description  Triacs Silicon Bidirectional Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N6349AG Datasheet(HTML) 1 Page - ON Semiconductor

  2N6349AG Datasheet HTML 1Page - ON Semiconductor 2N6349AG Datasheet HTML 2Page - ON Semiconductor 2N6349AG Datasheet HTML 3Page - ON Semiconductor 2N6349AG Datasheet HTML 4Page - ON Semiconductor 2N6349AG Datasheet HTML 5Page - ON Semiconductor 2N6349AG Datasheet HTML 6Page - ON Semiconductor 2N6349AG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 4
1
Publication Order Number:
2N6344A/D
2N6344A, 2N6348A,
2N6349A
Preferred Device
Triacs
Silicon Bidirectional Thyristors
Designed primarily for full-wave AC control applications, such as
light dimmers, motor controls, heating controls and power supplies; or
wherever full-wave silicon gate controlled solid-state devices are
needed. Triac type thyristors switch from a blocking to a conducting
state for either polarity of applied anode voltage with positive or
negative gate triggering.
Features
Blocking Voltage to 800 V
All Diffused and Glass Passivated Junctions for Greater Parameter
Uniformity and Stability
Small, Rugged, Thermowatt Construction for Low Thermal
Resistance, High Heat Dissipation and Durability
Gate Triggering Guaranteed in all Four Quadrants
For 400 Hz Operation, Consult Factory
8.0 A Devices Available as 2N6344 thru 2N6349
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TRIACS
12 AMPERES RMS
600 thru 800 VOLTS
TO−220AB
CASE 221A
STYLE 4
1
2
3
4
PIN ASSIGNMENT
1
2
3
Gate
Main Terminal 1
Main Terminal 2
4
Main Terminal 2
MT1
G
MT2
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
2N634xAG
AYWW
2N634xA = Device Code
x = 4, 8, or 9
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAM


Similar Part No. - 2N6349AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6349A ONSEMI-2N6349A Datasheet
61Kb / 8P
   Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N6349A NJSEMI-2N6349A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Kersemi Electronic Co.,...
2N6349A KERSEMI-2N6349A Datasheet
403Kb / 6P
   Silicon Bidirectional Thyristors
More results

Similar Description - 2N6349AG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com