Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N6284 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. 2N6284
Description  Darlington Complementary Silicon Power Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

2N6284 Datasheet(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2N6283 2N6284 2N6286 2N6287
http://onsemi.com
6
+5.0
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
1.0
2.0 3.0
5.0 7.0
20
+4.0
+3.0
+1.0
0
−4.0
−1.0
−2.0
−3.0
−5.0
θVB for VBE
*
θVC for VCE(sat)
−55
°C to + 25°C
25
°C to 150°C
25
°C to + 150°C
0.5
0.7
+5.0
IC, COLLECTOR CURRENT (AMP)
+4.0
+3.0
+1.0
0
−4.0
−1.0
−2.0
−3.0
−5.0
θVB for VBE
*
θVC for VCE(sat)
NPN
2N6284
PNP
2N6287
*APPLIES FOR IC/IB
hFE @VCE + 3.0 V
250
−55
°C to + 25°C
*APPLIES FOR IC/IB
hFE @VCE + 3.0 V
250
−55
°C to + 25°C
25
°C to 150°C
25
°C to + 150°C
−55
°C to + 25°C
10
0.2 0.3
1.0
2.0
3.0
5.0 7.0
20
0.5
0.7
10
+2.0
+2.0
REVERSE
FORWARD
105
Figure 12. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10−1
−0.2
−0.4
0
+0.2
+0.4
+0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
103
104
−0.6 −0.8
−1.0
−1.2 −1.4
103
VBE, BASE−EMITTER VOLTAGE (VOLTS)
100
10−1
10−2
10−3
101
102
+0.2 +0.4
0
−0.2
−0.4
−0.6
+0.6 +0.8
+1.0
+1.2 + 1.4
VCE = 30 V
TJ = 150°C
100
°C
25
°C
Figure 13. Darlington Schematic
NPN
2N6284
PNP
2N6287
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60
BASE
COLLECTOR
EMITTER
[ 8.0 k
[ 60


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn