Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKP3382X2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3382X2 Datasheet(HTML) 2 Page - Vishay Siliconix

  MKP3382X2 Datasheet HTML 1Page - Vishay Siliconix MKP3382X2 Datasheet HTML 2Page - Vishay Siliconix MKP3382X2 Datasheet HTML 3Page - Vishay Siliconix MKP3382X2 Datasheet HTML 4Page - Vishay Siliconix MKP3382X2 Datasheet HTML 5Page - Vishay Siliconix MKP3382X2 Datasheet HTML 6Page - Vishay Siliconix MKP3382X2 Datasheet HTML 7Page - Vishay Siliconix MKP3382X2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28119
146
Revision: 21-Nov-05
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA MKP 338 2 275 VAC
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
C
≤ 470 nF
≤ 10 × 10−4
≤ 20 × 10−4
≤ 100 × 10−4
470 nF < C
≤ 1µF
≤ 20 × 10−4
≤ 70 × 10−4
C>1µF
≤ 30 × 10−4
−−
Rated voltage pulse slope (dU/dt)R at 385 V (DC)
100 V/µs
R between leads, for C
≤ 0.33 µF at 100 V; 1 minute
> 15000 MΩ
RC between leads, for C > 0.33 µF at 100 V; 1 minute
> 5000 s
R between leads and case; 100 V; 1 minute
> 30000 MΩ
Withstanding (DC)voltage (cut off current 10 mA); rise time 100 V/s:
C
≤ 1µF
2200 V; 1 minute
C>1µF
1800 V; 1 minute
Withstanding (AC) voltage between leads and case
2050 V; 1 minute
TYPE
PACKAGING
STANDARD DIMENSIONS
C-TOL
PREFERRED TYPES
338 2
X2
loose in box
lead length 3.5
+ 1/− 0.5 mm or 3.5 ± 0.3 mm
± 20 %
20
lead length 5.0
± 1.0 mm
22
lead length 25.0
± 2.0 mm
24
taped
pitch 7.5 mm or bent back to 7.5 mm
26
ALTERNATIVE LARGER PITCH SIZES
ON REQUEST
338 2
X2
loose in box
lead length 3.5
+1/−0.5 mm or 3.5 ±0.3 mm
± 20 %
see tables for details
lead length 5.0
±1.0 mm
lead length 25.0
±2.0 mm
ALTERNATIVE TAPED VERSION
ON REQUEST
338 2
X2
taped
H
= 18.5 mm; for P
0 = 12.7 mm
± 20 %
see tables for details
ALTERNATIVE C-TOL
ON REQUEST
338 2
X2
loose in box
lead length 3.5
+ 1/− 0.5 mm or 3.5 ± 0.3 mm
± 10 %
see tables for details
lead length 5.0
± 1.0 mm
± 10 %
lead length 25.0
± 2.0 mm
± 10 %
taped
pitch 7.5 mm or bent back to 7.5 mm
± 10 %
H
= 18.5 mm; for P
0 = 12.7 mm
± 10 %
loose in box
lead length 3.5
+ 1/− 0.5 mm or 3.5 ± 0.3 mm
± 5 %
contact:
filmcaps.roeselare@vishay.com
lead length 5.0
± 1.0 mm
± 5 %
lead length 25.0
± 2.0 mm
± 5 %
taped
pitch 7.5 mm or bent back to 7.5 mm
± 5 %
H
= 18.5 mm; for P
0 = 12.7 mm
± 5 %
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
TYPE AND PITCHES
338 2
X2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
2222
338
2.
XX X
BFC2* 338
2.
XX X * Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas


Similar Part No. - MKP3382X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
MKP3382X2 VISHAY-MKP3382X2_08 Datasheet
234Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Nov-08
MKP3382X2 VISHAY-MKP3382X2_09 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Similar Description - MKP3382X2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com