Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3382X2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

MKP3382X2 Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28119
150
Revision: 21-Nov-05
MKP 338 2 X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
Notes
1. h = height for straight leads and h’ = height for bent back leads.
2. lt = 3.5 ± 0.3 mm for pitch = 15 mm; 22.5 mm and 27.5 mm.
3. Reel diameter
= 356 mm is available on request.
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
0.01
5.0
× 11.0 × 17.5
1.2
29066
29086
1000
29106
1000
29139
1100
0.015
29068
29088
29108
29144
0.022
29071
29091
29111
29148
0.033
29073
29093
29113
29153
0.047
29075
29095
29115
29157
0.068
29127
29132
29136
29162
0.1
6.0
× 12.0 × 17.5
1.4
28127
28327
1000
28527
1000
28927
900
Original pitch
= 15.0 mm; bent back pitch = 7.5 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
reel: diameter
= 500 mm(3)
H
= 16.0 mm; P
0 = 15.0 mm
0.1
6.0
× 12.0 (14.0) × 17.5
1.4
28727
800
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.15
7.0
× 13.5 × 17.5
1.9
28129
28329
750
28529
500
28929
800
0.18
28131
28331
28531
28931
0.22
8.5
× 15.0 × 17.5
2.6
28132
28332
750
28532
500
28932
650
0.33
10.0
× 16.5 × 17.5
3.1
29129
29134
500
29138
450
29167
600
Original pitch
= 15.0 mm; bent back pitch = 7.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm(3)
H
= 16.0 mm; P
0 = 15.0 mm
0.15
7.0
× 13.5 (15.5) × 17.5
1.9
28729
700
0.22
8.5
× 15.0 (17.0) × 17.5
2.6
28732
550
0.33
10.0
× 16.5 (18.5) × 17.5
3.1
29168
500
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
0.15
6.0
× 15.5 × 26.0
2.9
29171
29176
300
29182
250
29272
600
0.22
7.0
× 16.5 × 26.0
3.2
29173
29178
200
29184
250
29274
500
0.33
8.5
× 18.0 × 26.0
4.4
28134
28334
200
28534
250
28934
450
0.47
10.0
× 19.5 × 26.0
5.5
28136
28336
200
28536
200
28936
350
0.68
12.0
× 22.0 × 26.0
7.8
28138
28338
150
28538
200
28938
300
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
reel: diameter
= 500 mm
H
= 18.5 mm; P
0 = 12.7 mm
1
13.0
× 23.0 × 31.0
10.4
28141
28341
100
28541
125
1.5
15.0
× 25.0 × 31.0
12.8
28143
28343
100
28543
125
2.2
21.0
× 31.0 × 31.0
20.4
28145
28345
50
28545
75
C
(µF)
DIMENSIONS(1)
w
× H(h’) × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 338 ..... AND PACKAGING
LOOSE IN BOX
TAPED
Short leads
long leads
lt
=
3.5
+ 1/− 0.5 mm(2)
lt
=
5.0
± 1.0 mm
SPQ
lt
=
25.0
± 2.0 mm
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn