Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65C1167 Datasheet(PDF) 2 Page - Texas Instruments

Part No. SN65C1167
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN65C1167 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN65C1167, SN75C1167, SN65C1168, SN75C1168
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SLLS159E − MARCH 1993 − REVISED NOVEMBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The SN65C1167 and SN75C1167 combine dual 3-state differential line drivers and 3-state differential line
receivers, both of which operate from a single 5-V power supply. The driver and receiver have active-high and
active-low enables, respectively, which can be connected together externally to function as direction control.
The SN65C1168 and SN75C1168 drivers have individual active-high enables.
Function Tables
EACH DRIVER
INPUT
ENABLE
OUTPUTS
INPUT
D
ENABLE
DE
Y
Z
H
H
H
L
L
H
L
H
X
L
Z
Z
SN75C1167, EACH RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
DIFFERENTIAL INPUTS
A − B
ENABLE
RE
OUTPUT
R
VID ≥ 0.2 V
L
H
−0.2 V < VID < 0.2 V
L
?
VID ≤ −0.2 V
L
L
X
H
Z
Open
L
H
H = high level, L = low level, ? = indeterminate,
X = irrelevant, Z = high impedance (off)
logic diagram (positive logic)
2DE
12
1DE
4
14
13
2
1
10
11
6
7
1Y
1Z
1A
1B
2Y
2Z
2A
2B
15
3
9
5
1D
1R
2D
2R
2R
2D
1R
1D
RE
DE
5
9
3
15
4
12
2B
2A
2Z
2Y
1B
1A
1Z
1Y
7
6
11
10
1
2
13
14
SN65C1168, SN75C1168
SN65C1167/SN75C1167


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn