Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6203A1DGNG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA6203A1DGNG4
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1DGNG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPA6203A1DGNG4 Datasheet HTML 5Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 6Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 9Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 10Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 11Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 12Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Advantages of Fully Differential Amplifiers
APPLICATION SCHEMATICS
_
+
VDD
VO+
VO-
GND
To Battery
Cs
Bias
Circuitry
IN-
IN+
+
-
In From
DAC
SHUTDOWN
RI
RI
C(
)
BYPASS
(Optional)
RF
RF
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
Mid-supply
bypass
capacitor,
C(BYPASS), not
required: The fully differential amplifier does not
FULLY DIFFERENTIAL AMPLIFIER
require a bypass capacitor. This is because any
The TPA6203A1 is a fully differential amplifier with
shift in the mid-supply affects both positive and
differential inputs and outputs. The fully differential
negative channels equally and cancels at the
amplifier consists of a differential amplifier and a
differential output. However, removing the bypass
common- mode amplifier. The differential amplifier
capacitor slightly worsens power supply rejection
ensures that the amplifier outputs a differential
ratio (kSVR), but a slight decrease of kSVR may be
voltage that is equal to the differential input times the
acceptable when an additional component can be
gain. The common-mode feedback ensures that the
eliminated (see Figure 17).
common-mode voltage at the output is biased around
Better RF-immunity: GSM handsets save power
VDD/2 regardless of the common- mode voltage at the
by turning on and shutting off the RF transmitter
input.
at a rate of 217 Hz. The transmitted signal is
picked-up on input and output traces. The fully
differential amplifier cancels the signal much
Input coupling capacitors not required: A fully
better than the typical audio amplifier.
differential amplifier with good CMRR, like the
TPA6203A1, allows the inputs to be biased at
voltage other than mid-supply. For example, if a
Figure
28
through
Figure
30
show
application
DAC has mid-supply lower than the mid-supply of
schematics for differential and single-ended inputs.
the TPA6203A1, the common-mode feedback
Typical values are shown in Table 1.
circuit adjusts for that, and the TPA6203A1
outputs are still biased at mid-supply of the
Table 1. Typical Component Values
TPA6203A1. The inputs of the TPA6203A1 can
be biased from 0.5 V to VDD - 0.8 V. If the inputs
COMPONENT
VALUE
are biased outside of that range, input coupling
RI
10 k
capacitors are required.
RF
10 k
C(BYPASS)(1)
0.22
µF
CS
1
µF
CI
0.22
µF
(1) C(BYPASS) is optional
Figure 28. Typical Differential Input Application Schematic
9


Similar Part No. - TPA6203A1DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1DGNG4 TI1-TPA6203A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6203A1DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com