Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA6211A1 Datasheet(PDF) 2 Page - Texas Instruments

Part No. TPA6211A1
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1 Datasheet(HTML) 2 Page - Texas Instruments

  TPA6211A1_07 Datasheet HTML 1Page - Texas Instruments TPA6211A1_07 Datasheet HTML 2Page - Texas Instruments TPA6211A1_07 Datasheet HTML 3Page - Texas Instruments TPA6211A1_07 Datasheet HTML 4Page - Texas Instruments TPA6211A1_07 Datasheet HTML 5Page - Texas Instruments TPA6211A1_07 Datasheet HTML 6Page - Texas Instruments TPA6211A1_07 Datasheet HTML 7Page - Texas Instruments TPA6211A1_07 Datasheet HTML 8Page - Texas Instruments TPA6211A1_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
PACKAGE DISSIPATION RATINGS
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGED DEVICES(1)
TA
EVALUATION MODULES
SMALL OUTLINE
MSOP PowerPAD™
(DRB)
(DGN)
-40
°C to 85°C
TPA6211A1DRB
TPA6211A1DGN
TPA6211A1EVM
(1)
The DGN and DRB are available taped and reeled. To order taped and reeled parts, add the suffix R
to the part number (TPA6211A1DGNR or TPA6211A1DRBR).
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
DRB, DGN
IN-
4
I
Negative differential input
IN+
3
I
Positive differential input
VDD
6
I
Power supply
VO+
5
O
Positive BTL output
GND
7
I
High-current ground
VO-
8
O
Negative BTL output
SHUTDOWN
1
I
Shutdown terminal (active low logic)
BYPASS
2
Mid-supply voltage, adding a bypass capacitor improves PSRR
Connect to ground. Thermal pad must be soldered down in all applications to properly secure
Thermal Pad
-
-
device on the PCB.
over operating free-air temperature range unless otherwise noted(1)
UNIT
VDD
Supply voltage
-0.3 V to 6 V
VI
Input voltage
-0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
-40
°C to 85°C
TJ
Junction temperature
-40
°C to 150°C
Tstg
Storage temperature
-65
°C to 85°C
DRB
260
°C
Lead temperature 1,6 mm (1/16 Inch) from case for 10 seconds
DGN
235
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING
TA= 70°C
TA= 85°C
PACKAGE
POWER RATING
FACTOR(1)
POWER RATING
POWER RATING
DGN
2.13 W
17.1 mW/
°C
1.36 W
1.11 W
DRB
2.7 W
21.8 mW/
°C
1.7 W
1.4 W
(1)
Derating factor based on high-k board layout.
2


Similar Part No. - TPA6211A1_07

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGN TI-TPA6211A1DGN Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6211A1_07

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
Unisonic Technologies
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Texas Instruments
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Eutech Microelectronics Inc
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
Unisonic Technologies
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz