Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA6211A1 Datasheet(PDF) 12 Page - Texas Instruments

Part No. TPA6211A1
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA6211A1_07 Datasheet HTML 8Page - Texas Instruments TPA6211A1_07 Datasheet HTML 9Page - Texas Instruments TPA6211A1_07 Datasheet HTML 10Page - Texas Instruments TPA6211A1_07 Datasheet HTML 11Page - Texas Instruments TPA6211A1_07 Datasheet HTML 12Page - Texas Instruments TPA6211A1_07 Datasheet HTML 13Page - Texas Instruments TPA6211A1_07 Datasheet HTML 14Page - Texas Instruments TPA6211A1_07 Datasheet HTML 15Page - Texas Instruments TPA6211A1_07 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
TA = 25°C
TA = -40°C
TA = 125°C
VDD = 5 V
VDD - Supply Voltage - V
0.00001
0.0001
0.001
0.01
0.1
1
10
0
1
2
3
4
5
VDD = 3.6 V
VDD = 5 V
VDD = 2.5 V
Voltage on SHUTDOWN Terminal - V
0
50
100
150
200
250
300
0
0.2
0.4
0.6
0.8
1
C(Bypass) - Bypass Capacitor - µF
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
SHUTDOWN VOLTAGE
Figure 25.
Figure 26.
START-UP TIME
vs
BYPASS CAPACITOR
Figure 27.
12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn