Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA6211A1 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TPA6211A1
Description  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1 Datasheet(HTML) 4 Page - Texas Instruments

  TPA6211A1_07 Datasheet HTML 1Page - Texas Instruments TPA6211A1_07 Datasheet HTML 2Page - Texas Instruments TPA6211A1_07 Datasheet HTML 3Page - Texas Instruments TPA6211A1_07 Datasheet HTML 4Page - Texas Instruments TPA6211A1_07 Datasheet HTML 5Page - Texas Instruments TPA6211A1_07 Datasheet HTML 6Page - Texas Instruments TPA6211A1_07 Datasheet HTML 7Page - Texas Instruments TPA6211A1_07 Datasheet HTML 8Page - Texas Instruments TPA6211A1_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
OPERATING CHARACTERISTICS
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
T
A = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5 V
2.45
THD + N= 1%, f = 1 kHz, RL = 3 Ω
VDD = 3.6 V
1.22
VDD = 2.5 V
0.49
VDD = 5 V
2.22
PO
Output power
THD + N= 1%, f = 1 kHz, RL = 4 Ω
VDD = 3.6 V
1.1
W
VDD = 2.5 V
0.47
VDD = 5 V
1.36
THD + N= 1%, f = 1 kHz, RL = 8 Ω
VDD = 3.6 V
0.72
VDD = 2.5 V
0.33
PO = 2 W
VDD = 5 V
0.045%
f = 1 kHz, RL = 3 Ω
PO = 1 W
VDD = 3.6 V
0.05%
PO = 300 mW
VDD = 2.5 V
0.06%
PO = 1.8 W
VDD = 5 V
0.03%
Total harmonic distortion plus
THD+N
f = 1 kHz, RL = 4 Ω
PO = 0.7 W
VDD = 3.6 V
0.03%
noise
PO = 300 mW
VDD = 2.5 V
0.04%
PO = 1 W
VDD = 5 V
0.02%
f = 1 kHz, RL = 8 Ω
PO = 0.5 W
VDD = 3.6 V
0.02%
PO = 200 mW
VDD = 2.5 V
0.03%
f = 217 Hz
-80
VDD = 3.6 V, Inputs ac-grounded with
kSVR
Supply ripple rejection ratio
dB
Ci = 2 µF, V(RIPPLE) = 200 mVpp
f = 20 Hz to 20 kHz
-70
SNR
Signal-to-noise ratio
VDD = 5 V, PO = 2 W, RL = 4 Ω
105
dB
No weighting
15
VDD = 3.6 V, f = 20 Hz to 20 kHz,
Vn
Output voltage noise
µVRMS
Inputs ac-grounded with Ci = 2 µF
A weighting
12
CMRR
Common mode rejection ratio
VDD = 3.6 V, VIC = 1 Vpp
f = 217 Hz
-65
dB
ZI
Input impedance
38
40
44
k
VDD = 3.6 V, No CBYPASS
4
µs
Start-up time from shutdown
VDD = 3.6 V, CBYPASS = 0.1 µF
27
ms
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn