Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6204A1DRB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6204A1DRB
Description  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1DRB Datasheet(HTML) 3 Page - Texas Instruments

  TPA6204A1DRB Datasheet HTML 1Page - Texas Instruments TPA6204A1DRB Datasheet HTML 2Page - Texas Instruments TPA6204A1DRB Datasheet HTML 3Page - Texas Instruments TPA6204A1DRB Datasheet HTML 4Page - Texas Instruments TPA6204A1DRB Datasheet HTML 5Page - Texas Instruments TPA6204A1DRB Datasheet HTML 6Page - Texas Instruments TPA6204A1DRB Datasheet HTML 7Page - Texas Instruments TPA6204A1DRB Datasheet HTML 8Page - Texas Instruments TPA6204A1DRB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
www.ti.com
3
ELECTRICAL CHARACTERISTICS, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Output offset voltage (measured
differentially)
VI = 0 V differential, Gain = 1 V/V, VDD = 5.5 V
−9
0.3
9
mV
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V
−85
−60
dB
VIC
Common mode input range
VDD = 2.5 V to 5.5 V
0.5
VDD−0.8
V
CMRR
Common mode rejection ratio
VDD = 5.5 V,
VIC = 0.5 V to 4.7 V
−63
−40
dB
CMRR
Common mode rejection ratio
VDD = 2.5 V,
VIC = 0.5 V to 1.7 V
−63
−40
dB
RL = 8 Ω,
Gain = 1 V/V,
VDD = 5.5 V
0.45
Low-output swing
RL = 8 Ω,
VIN+ = VDD,
V
= 0 V,
Gain = 1 V/V,
VIN− = 0 V or
V
= V
VDD = 3.6 V
0.37
V
Low-output swing
VIN+ = VDD,
VIN+ = 0 V,
VIN− = 0 V or
VIN− = VDD
VDD = 2.5 V
0.26
0.4
V
RL = 8 Ω,
Gain = 1 V/V,
VDD = 5.5 V
4.95
High-output swing
RL = 8 Ω,
VIN+ = VDD,
V
= V
Gain = 1 V/V,
VIN− = 0 V or
V
= 0 V
VDD = 3.6 V
3.18
V
High-output swing
VIN+ = VDD,
VIN− = VDD
VIN− = 0 V or
VIN+ = 0 V
VDD = 2.5 V
2
2.13
V
| IIH |
High-level input current, SHUT-
DOWN
VDD = 5.5 V,
VI = 5.8 V
58
100
µA
| IIL |
Low-level input current, SHUT-
DOWN
VDD = 5.5 V,
VI = −0.3 V
3
100
µA
IQ
Quiescent current
VDD = 2.5 V to 5.5 V, no load
4
6
mA
I(SD)
Supply current
V(SHUTDOWN)
≤ 0.5 V, VDD = 2.5 V to 5.5 V,
RL = 8 Ω
0.01
1
µA
Gain
RL = 8 Ω
38 k
R
I
40 k
R
I
42 k
R
I
V/V
Resistance from shutdown to
GND
100
k
OPERATING CHARACTERISTICS, TA = 25°C, Gain = 1 V/V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD + N= 1%, f = 1 kHz,
VDD = 5 V
1.36
THD + N= 1%, f = 1 kHz,
RL = 8 Ω
VDD = 3.6 V
0.72
W
PO
Output power
RL = 8 Ω
VDD = 2.5 V
0.33
W
PO
Output power
THD + N= 10%, f = 1 kHz,
VDD = 5 V
1.7
THD + N= 10%, f = 1 kHz,
RL = 8 Ω
VDD = 3.6 V
0.85
W
RL = 8 Ω
VDD = 2.5 V
0.4
W
VDD = 5 V, PO = 1 W, RL = 8 Ω, f = 1 kHz
0.02%
THD+N
Total harmonic distortion plus noise
VDD = 3.6 V, PO = 0.5 W, RL = 8 Ω, f = 1 kHz
0.02%
THD+N
Total harmonic distortion plus noise
VDD = 2.5 V, PO = 200 mW, RL = 8 Ω, f = 1 kHz
0.03%
kSVR
Supply ripple rejection ratio
VDD = 3.6 V,
Inputs ac-grounded
f = 217 Hz
−80
dB
kSVR
Supply ripple rejection ratio
Inputs ac-grounded
with Ci = 2 µF,
V(RIPPLE) = 200 mVpp
f = 20 Hz to 20 kHz
−70
dB
SNR
Signal-to-noise ratio
VDD = 5 V,
PO = 1 W,
RL = 8 Ω
105
dB
Vn
Output voltage noise
VDD = 3.6 V,
f = 20 Hz to 20 kHz,
No weighting
15
VRMS
Vn
Output voltage noise
f = 20 Hz to 20 kHz,
Inputs ac-grounded with
Ci = 2 µF
A weighting
12
µVRMS
CMRR
Common mode rejection ratio
VDD = 3.6 V
VIC = 1 Vpp
f = 217 Hz
−65
dB
RF
Feedback resistance
38
40
44
k
Start-up time from shutdown
VDD = 3.6 V, CBYPASS = 0.1 µF
27
ms


Similar Part No. - TPA6204A1DRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1DRB TI-TPA6204A1DRB Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6204A1DRB TI1-TPA6204A1DRB Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBG4 TI1-TPA6204A1DRBG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBR TI1-TPA6204A1DRBR Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
TPA6204A1DRBRG4 TI1-TPA6204A1DRBRG4 Datasheet
1Mb / 26P
[Old version datasheet]   1.7-W Mono Fully Differential Audio Power Amplifier
More results

Similar Description - TPA6204A1DRB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com