Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6130A2YZH Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA6130A2YZH
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2YZH Datasheet(HTML) 5 Page - Texas Instruments

  TPA6130A2YZH Datasheet HTML 1Page - Texas Instruments TPA6130A2YZH Datasheet HTML 2Page - Texas Instruments TPA6130A2YZH Datasheet HTML 3Page - Texas Instruments TPA6130A2YZH Datasheet HTML 4Page - Texas Instruments TPA6130A2YZH Datasheet HTML 5Page - Texas Instruments TPA6130A2YZH Datasheet HTML 6Page - Texas Instruments TPA6130A2YZH Datasheet HTML 7Page - Texas Instruments TPA6130A2YZH Datasheet HTML 8Page - Texas Instruments TPA6130A2YZH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING CHARACTERISTICS
(1) (2)
SCL
SDA
tw(H)
tw(L)
tsu1
th1
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
T
A = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
|VOS|
Output offset voltage
VDD = 2.5 V to 5.5 V, inputs grounded
150
400
µV
PSRR
Power supply rejection ratio
VDD = 2.5 V to 5.5 V, inputs grounded
–109
–90
dB
CMRR
Common mode rejection ratio
VDD = 2.5 V to 5.5 V
–68
dB
SCL, SDA
1
|IIH|
High-level input current
VDD = 5.5 V, VI = VDD
µA
SD
10
|IIL|
Low-level input current
VDD = 5.5 V, VI = 0 V
SCL, SDA, SD
1
µA
VDD = 2.5 V to 5.5 V, SD = VDD
4
6
mA
Shutdown mode, VDD = 2.5V to 5.5 V, SD = 0 V
0.4
1
µA
IDD
Supply current
SW Shutdown mode, VDD = 2.5V to 5.5 V, SWS = 1
25
75
µA
Both HP amps disabled, VDD = 2.5V to 5.5 V,
1.4
2.5
mA
SWS = 0, Charge Pump enabled, SD = VDD
For I2C Interface Signals Over Recommended Operating Conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSCL
Frequency, SCL
No wait states
400
kHz
tw(H)
Pulse duration, SCL high
0.6
µs
tw(L)
Pulse duration, SCL low
1.3
µs
tsu1
Setup time, SDA to SCL
300
ns
th1
Hold time, SCL to SDA
10
ns
t(buf)
Bus free time between stop and start condition
1.3
µs
tsu2
Setup time, SCL to start condition
0.6
µs
th2
Hold time, start condition to SCL
0.6
µs
tsu3
Setup time, SCL to stop condition
0.6
µs
(1)
VPull-up = VDD
(2)
A pull-up resistor
≤2 kΩ is required for a 5 V I2C bus voltage.
Figure 1. SCL and SDA Timing
5


Similar Part No. - TPA6130A2YZH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6130A2YZH TI-TPA6130A2YZH Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI-TPA6130A2YZHR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2YZHR TI1-TPA6130A2YZHR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Similar Description - TPA6130A2YZH

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com