Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6203A1 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA6203A1
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA6203A1_07 Datasheet HTML 9Page - Texas Instruments TPA6203A1_07 Datasheet HTML 10Page - Texas Instruments TPA6203A1_07 Datasheet HTML 11Page - Texas Instruments TPA6203A1_07 Datasheet HTML 12Page - Texas Instruments TPA6203A1_07 Datasheet HTML 13Page - Texas Instruments TPA6203A1_07 Datasheet HTML 14Page - Texas Instruments TPA6203A1_07 Datasheet HTML 15Page - Texas Instruments TPA6203A1_07 Datasheet HTML 16Page - Texas Instruments TPA6203A1_07 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
www.ti.com
FULLY DIFFERENTIAL AMPLIFIER
V(LRMS)
VO
IDD
IDD(avg)
Efficiency of a BTL amplifier +
P
L
P
SUP
where:
P
L +
V
L
rms2
R
L
, and V
LRMS +
V
P
2
, therefore, P
L +
V
P
2
2R
L
PL = Power delivered to load
PSUP = Power drawn from power supply
VLRMS = RMS voltage on BTL load
RL = Load resistance
VP = Peak voltage on BTL load
IDDavg = Average current drawn from the
power supply
VDD = Power supply voltage
ηBTL = Efficiency of a BTL amplifier
and PSUP + VDD IDDavg and IDDavg +
1
p
p
0
V
P
R
L
sin(t) dt
+
1
p
V
P
R
L
[cos(t)]
p
0 +
2V
P
p
R
L
Therefore,
P
SUP +
2 V
DD
V
P
p
R
L
substituting PL and PSUP into equation 6,
Efficiency of a BTL amplifier +
V
P
2
2 R
L
2 V
DD VP
p
R
L
+
p
V
P
4 V
DD
V
P +
2 P
L
R
L
where:
(6)
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
EFFICIENCY AND THERMAL INFORMATION
Class-AB amplifiers are inefficient. The primary cause
of these inefficiencies is voltage drop across the
output stage transistors. There are two components
of the internal voltage drop. One is the headroom or
dc voltage drop that varies inversely to output power.
The second component is due to the sinewave nature
of the output. The total voltage drop can be
calculated by subtracting the RMS value of the output
voltage from VDD. The internal voltage drop multiplied
by the average value of the supply current, IDD(avg),
determines the internal power dissipation of the
amplifier.
Figure 33. Voltage and Current Waveforms for
BTL Amplifiers
An easy-to-use equation to calculate efficiency starts
out as being equal to the ratio of power from the
Although the voltages and currents for SE and BTL
power supply to the power delivered to the load. To
are sinusoidal in the load, currents from the supply
accurately calculate the RMS and average values of
are
very
different
between
SE
and
BTL
power in the load and in the amplifier, the current and
configurations. In an SE application the current
voltage waveform shapes must first be understood
waveform is a half-wave rectified shape, whereas in
(see Figure 33).
BTL it is a full-wave rectified waveform. This means
RMS conversion factors are different. Keep in mind
that for most of the waveform both the push and pull
transistors are not on at the same time, which
supports the fact that each amplifier in the BTL
device only draws current from the supply for half the
waveform. The following equations are the basis for
calculating amplifier efficiency.
13


Similar Part No. - TPA6203A1_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1DGN TI1-TPA6203A1DGN Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGN TI-TPA6203A1DGN Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNG4 TI1-TPA6203A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI1-TPA6203A1DGNR Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1DGNR TI-TPA6203A1DGNR Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6203A1_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com