Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6112A2 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA6112A2
Description  150-mW STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6112A2 Datasheet(HTML) 1 Page - Texas Instruments

  TPA6112A2_07 Datasheet HTML 1Page - Texas Instruments TPA6112A2_07 Datasheet HTML 2Page - Texas Instruments TPA6112A2_07 Datasheet HTML 3Page - Texas Instruments TPA6112A2_07 Datasheet HTML 4Page - Texas Instruments TPA6112A2_07 Datasheet HTML 5Page - Texas Instruments TPA6112A2_07 Datasheet HTML 6Page - Texas Instruments TPA6112A2_07 Datasheet HTML 7Page - Texas Instruments TPA6112A2_07 Datasheet HTML 8Page - Texas Instruments TPA6112A2_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
10
9
8
7
6
VO1
IN1–
IN1+
BYPASS
GND
VDD
VO2
IN2–
IN2+
SHUTDOWN
DGQ PACKAGE
(TOP VIEW)
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
Right In
(Differential)
Bias
Control
10
1
9
5
VO1
VO2
VDD
2
4
7
IN1–
BYPASS
VDD/2
Ci
Ri
Ri
325 k
325 k
C(B)
C(S)
Ci
Ri
IN2+
Rf
VDD
From
Shutdown
Control Circuit
+
+
C(C)
C(C)
3
IN1+
Ci
Ri
SHUTDOWN
Rf
8
Ci
Ri
IN2–
Rf
6
+
+
Left In
(Differential)
TPA6112A2
SLOS342A – DECEMBER 2000 – REVISED SEPTEMBER 2004
150-mW STEREO AUDIO POWER AMPLIFIER
150 mW Stereo Output
Differential Inputs
PC Power Supply Compatible
– Fully Specified for 3.3 V and 5 V Operation
– Operation to 2.5 V
Pop Reduction Circuitry
Internal Mid-Rail Generation
Thermal and Short-Circuit Protection
Surface-Mount Packaging
– PowerPAD™ MSOP
The TPA6112A2 is a stereo audio power amplifier with differential inputs packaged in a 10-pin PowerPAD MSOP
package capable of delivering 150 mW of continuous RMS power per channel into 16-
Ω loads. Amplifier gain is
externally configured by means of two resistors per input channel and does not require external compensation for
settings of 1 to 10.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA6112A2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2DGQ TI-TPA6112A2DGQ Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6112A2_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA102 TI-TPA102 Datasheet
416Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA122 TI1-TPA122_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2 Datasheet
381Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com