Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6101A2ZQYR Datasheet(PDF) 3 Page - Texas Instruments

Part # TPA6101A2ZQYR
Description  50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6101A2ZQYR Datasheet(HTML) 3 Page - Texas Instruments

  TPA6101A2ZQYR Datasheet HTML 1Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 2Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 3Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 4Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 5Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 6Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 7Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 8Page - Texas Instruments TPA6101A2ZQYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPA6101A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
dc electrical characteristics at TA = 25°C, VDD = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage
AV = 2 dB
5
40
mV
PSRR
Power supply rejection ratio
VDD = 3 V to 3.6 V
72
dB
IDD
Supply current
SHUTDOWN = 3.6 V
0.75
1.5
mA
IDD(SD)
Supply current in SHUTDOWN mode
SHUTDOWN = 0 V
50
250
nA
|IIH|
High-level input current (SHUTDOWN)
VDD = 3.6 V, VI = VDD
1
µA
|IIL|
Low-level input current (SHUTDOWN)
VDD = 3.6 V, VI = 0 V
1
µA
ZI
Input impedance
80
k
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 16 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Gain
2
dB
PO
Output power (each channel)
THD
≤ 0.1%,
f = 1 kHz
50
mW
THD+N
Total harmonic distortion + noise
PO = 45 mW,
20 Hz−20 kHz
0.4%
BOM
Maximum output power BW
THD < 0.5%
> 20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz
47
dB
SNR
Signal-to-noise ratio
PO = 50 mW
86
dB
Vn
Noise output voltage (no-noise weighting filter)
45
µV(rms)
ac operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 32 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Gain
2
dB
PO
Output power (each channel)
THD
≤ 0.1%,
f = 1 kHz
35
mW
THD+N
Total harmonic distortion + noise
PO = 30 mW,
20 Hz−20 kHz
0.4%
BOM
Maximum output power BW
THD < 0.4%
>20
kHz
kSVR
Supply ripple rejection ratio
f = 1 kHz
47
dB
SNR
Signal-to-noise ratio
PO = 30 mW
86
dB
Vn
Noise output voltage (no-noise weighting filter)
50
µV(rms)


Similar Part No. - TPA6101A2ZQYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
More results

Similar Description - TPA6101A2ZQYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com