Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6100A2D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA6100A2D
Description  50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6100A2D Datasheet(HTML) 1 Page - Texas Instruments

  TPA6100A2D Datasheet HTML 1Page - Texas Instruments TPA6100A2D Datasheet HTML 2Page - Texas Instruments TPA6100A2D Datasheet HTML 3Page - Texas Instruments TPA6100A2D Datasheet HTML 4Page - Texas Instruments TPA6100A2D Datasheet HTML 5Page - Texas Instruments TPA6100A2D Datasheet HTML 6Page - Texas Instruments TPA6100A2D Datasheet HTML 7Page - Texas Instruments TPA6100A2D Datasheet HTML 8Page - Texas Instruments TPA6100A2D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
1
2
3
4
8
7
6
5
BYPASS
GND
SHUTDOWN
IN2–
IN1–
VO1
VDD
VO2
DGK PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
BYPASS
GND
SHUTDOWN
IN2–
IN1–
VO1
VDD
VO2
D PACKAGE
(TOP VIEW)
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
Audio
Input
Bias
Control
6
7
5
2
VO1
VO2
VDD
3
8
1
4
IN 1−
BYPASS
SHUTDOWN
VDD/4
CI
RI
RF
CB
CS
Audio
Input
CI
RI
IN 2−
RF
VDD
From Shutdown
Control Circuit
+
+
CC
CC
R
R
TPA6100A2D
SLOS269B – JUNE 2000 – REVISED SEPTEMBER 2004
50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
50-mW Stereo Output
Low Supply Current . . . 0.75 mA
Low Shutdown Current . . . 50 nA
Pin Compatible With LM4881 and TPA102 (1)
Pop Reduction Circuitry
Internal Midrail Generation
Thermal and Short-Circuit Protection
Surface-Mount Packaging
– MSOP and SOIC
1.6-V to 3.6-V Supply Voltage Range
(1)
The polarity of the SHUTDOWN pin is reversed.
The TPA6100A2D is a stereo audio power amplifier packaged in either an 8-pin SOIC package or an 8-pin
MSOP package capable of delivering 50 mW of continuous RMS power per channel into 16-
Ω loads. Amplifier
gain is externally configured by a means of three resistors per input channel and does not require external
compensation for settings of 1 to 10.
The TPA6100A2D is optimized for battery applications because of its low supply current, shutdown current, and
THD+N. To obtain the low-supply voltage range, the TPA6100A2D biases BYPASS to VDD/4. A resistor with a
resistance equal to RF must be added from the inputs to ground to allow the output to be biased at VDD/2.
When driving a 16-
Ω load with 45-mW output power from 3.3 V, THD+N is 0.04% at 1 kHz, and less than 0.2%
across the audio band of 20 Hz to 20 kHz. For 28 mW into 32-
Ω loads, the THD+N is reduced to less than 0.03%
at 1 kHz, and is less than 0.2% across the audio band of 20 Hz to 20 kHz.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPA6100A2D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI1-TPA6100A2D Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI1-TPA6100A2D Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2DG4 TI1-TPA6100A2DG4 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA6100A2D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2_07 Datasheet
500Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com