Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA6030A4 Datasheet(PDF) 3 Page - Texas Instruments

Part No. TPA6030A4
Description  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPA6030A4 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = PVCC = 12 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V l
36 dB
Out+ to Out−
10
55
| VOS |
Output offset
Volume = 36 dB,
SE/BTL = 0 V
Out+ to V(BYPASS)
10
105
mV
| VOS |
Output offset
SE/BTL = 0 V
Out− to V(BYPASS)
10
105
mV
PSRR
Power supply rejection ratio
VCC = PVCC = 12 V to 15 V
−42
−60
dB
|I |
High level input current
SE/BTL, IN2/IN1
VCC = 15 V, VI = VCC
1
A
|IIH|
High-level input current
SHUTDOWN,
VCC = 15 V, V I = 12 V
3
µA
|I |
Low level input current
SE/BTL, IN2/IN1
VCC = 15 V, VI = 0
1
A
|IIL|
Low-level input current
SHUTDOWN,
VCC = 15 V, VI = 0
1
µA
Supply current
No load,
SE/BTL = 0 V,
VCC = 7 V to 15 V
18
26
mA
ICC
Supply current
No load,
SHUTDOWN = 2 V
SE/BTL = VCC,
VCC = 7 V to 15 V
11
16
mA
Supply current, full clipping
at outputs, stereo operation
RL =16 Ω,
SE/BTL = 0 V,
SHUTDOWN = VCC
1.2
A
ICC(SD)
Supply current, shutdown
mode
No Load,
VCC=15 V,
SHUTDOWN = 0.8 V
1
3
µA
5VREF
VCC = 7 V to 15 V,
RL = 16-Ω stereo, Pin floating
4.4
4.7
5.5
V
RL =16 Ω, VOLUME = 5VREF,
IN+ = (VCC / 2) − 1 V and
VCC = 7 V
4.4
VOMAX
DC maximum output voltage
swing per output(1)
IN+ = (VCC / 2) − 1 V and
IN− = (VCC / 2) + 1 V
OR
VCC = 12 V
7.6
8.4
9.3
VPP
swing per output(1)
OR
IN+ = (VCC / 2) + 1 V and
IN− = (VCC / 2) − 1 V
VCC = 15 V
9.8
(1) See diagram below
Rout−
Rout+
RL = 16 Ω
VCC
VCC
Voltage Drop.
Typically Referred
To As VOH
Voltage Drop.
Typically Referred
To As VOL
VOMAX
VOMAX
DC MAXIMUM OUTPUT VOLTAGE SWING PER CHANNEL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn