Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6030A4 Datasheet(PDF) 19 Page - Texas Instruments

Part # TPA6030A4
Description  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6030A4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPA6030A4_07 Datasheet HTML 15Page - Texas Instruments TPA6030A4_07 Datasheet HTML 16Page - Texas Instruments TPA6030A4_07 Datasheet HTML 17Page - Texas Instruments TPA6030A4_07 Datasheet HTML 18Page - Texas Instruments TPA6030A4_07 Datasheet HTML 19Page - Texas Instruments TPA6030A4_07 Datasheet HTML 20Page - Texas Instruments TPA6030A4_07 Datasheet HTML 21Page - Texas Instruments TPA6030A4_07 Datasheet HTML 22Page - Texas Instruments TPA6030A4_07 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
19
Large values of CC are required to pass low frequencies to the load. Consider an example where CC is 220 µF, and the
load varies from 16 Ω, 32 Ω, 10 kΩ, and 47 kΩ. Table 3 summarizes the frequency response characteristics of each of the
preceding configurations.
Table 3. Load Impedances vs Low Frequency Characteristics in SE Mode
RL
(Ω)
CC
(µF)
LOWEST FREQUENCY
(Hz)
16
220
45
32
220
23
10k
220
0.07
47k
220
0.015
Using Low-ESR Capacitors
Low-ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal) capacitor can
be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across the resistor minimizes the
beneficial effects of the capacitor in the circuit. The lower the equivalent value of this resistance, the more the real capacitor
behaves like an ideal capacitor.
Bridge-Tied Load Versus Single-Ended Mode
Figure 24 shows a Class-AB audio power amplifier (APA) in a bridge-tied-load (BTL) configuration. The TPA6030A4
amplifier consists of two Class-AB differential amplifiers driving both the positive and negative terminals of the load (per
channel). Specifically, differential drive means that as one side amplifier (the positive terminal, for example) is slewing up,
the other side is slewing down, and vice versa. This doubles the voltage swing across the load as opposed to a
ground-referenced load, or a single-ended load. Power is proportional to the square of the voltage. Plugging 2x VO(PP) into
the power equation yields 4X the output power from the same supply rail and load impedance as would have been obtained
with a ground referenced load (see equation 9).
V(RMS) +
VO(PP)
22
Power +
V(RMS) 2
RL
VCC
VO(PP)
2x VO(PP)
−VO(PP)
VCC
Figure 24. Bridge-Tied-Load Configuration
(9)


Similar Part No. - TPA6030A4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6030A4PWP TI-TPA6030A4PWP Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

Similar Description - TPA6030A4_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6030A4 TI-TPA6030A4 Datasheet
214Kb / 27P
[Old version datasheet]   3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA6021 UTC-PA6021 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Texas Instruments
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4PWPR TI1-TPA6011A4PWPR Datasheet
1Mb / 38P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6021A4 TI-TPA6021A4 Datasheet
1Mb / 26P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com