Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA6030A4 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TPA6030A4
Description  3-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TPA6030A4 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPA6030A4
SLOS395B − DECEMBER 2002 − REVISED JANUARY 2005
www.ti.com
6
VOLUME CONTROL
Table 1 shows the functionality of the 32-step volume control. The voltage difference between trip levels is 2.66% of 5VREF,
and the difference between gain steps is 2.53 dB.
Table 1. Volume Control
(VCC = 12 V, No Load, SEDIFF = 0 V, SEMAX = 5VREF)
VOLTAGE ON VOLUME PIN AS A
PERCENTAGE OF 5VREF
SPEAKER VOLUME
(dB)
HEADPHONE VOLUME
(dB)
0−10
−80.00
−86.00
10−12.6
−40.00
−46.00
12.6−15.2
−37.47
−43.47
15.2−18
−34.93
−40.93
18−20.6
−32.40
−38.40
20.6−23.4
−29.87
−35.87
23.4−26
−27.33
−33.33
26−28.6
−24.80
−30.80
28.6−31.4
−22.27
−28.27
31.4−34
−19.73
−25.73
34−36.6
−17.20
−23.20
36.6−39.4
−14.67
−20.67
39.4−42
−12.13
−18.13
42−44.6
−9.60
−15.60
44.6−47.2
−7.07
−13.07
47.2−50
−4.53
−10.53
50−52.6
−2.00
−8.00
52.6−55.4
0.53
−5.47
55.4−58
3.07
−2.93
58−60.6
5.60
−0.40
60.6−63.4
8.13
2.13
63.4−66
10.67
4.67
66−68.6
13.20
7.20
68.6−71.4
15.73
9.73
71.4−74
18.27
12.27
74−76.6
20.80
14.80
76.6−79.4
23.33
17.33
79.4−82
25.87
19.87
82−84.6
28.40
22.40
84.6−87.4
30.93
24.93
87.4−90
33.47
27.47
90−100
36.00
30.00
Refer to the section entitled Volume Control Description in the Application Information section of this data sheet for more
details regarding the use of the volume control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn