Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA6017A2 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TPA6017A2
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6017A2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA6017A2_07 Datasheet HTML 2Page - Texas Instruments TPA6017A2_07 Datasheet HTML 3Page - Texas Instruments TPA6017A2_07 Datasheet HTML 4Page - Texas Instruments TPA6017A2_07 Datasheet HTML 5Page - Texas Instruments TPA6017A2_07 Datasheet HTML 6Page - Texas Instruments TPA6017A2_07 Datasheet HTML 7Page - Texas Instruments TPA6017A2_07 Datasheet HTML 8Page - Texas Instruments TPA6017A2_07 Datasheet HTML 9Page - Texas Instruments TPA6017A2_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPA6017A2
SLOS386 – NOVEMBER 2001
6
www.ti.com
TYPICAL CHARACTERISTICS
Figure 1
0.1%
0.01%
0.5 0.75
1
1.25 1.5 1.75
2
1%
10%
2.25 2.5 2.75
3
PO – Output Power – W
AV = 6 dB
f = 1 kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 8 Ω
RL = 3 Ω
RL = 4 Ω
Figure 2
0.01%
10%
20
100
1k
10k 20k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1%
0.1%
PO = 1.75 W
RL = 3 Ω
AV = 15.6 dB
AV = 6 dB
AV = 21.6 dB
Figure 3
0.01%
10%
20
100
1k
10k 20k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
1%
0.1%
RL = 3 Ω
AV = 6 dB
PO = 1.75 W
PO = 0.5 W
PO = 1.0 W
Figure 4
0.1%
0.01%
0.01
0.1
1%
10%
110
f = 20 Hz
f = 1 kHz
PO – Output Power – W
RL = 3 Ω
AV = 6 dB
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
f = 15 kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn