Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STC03DE220HV Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC03DE220HV
Description  Hybrid emitter switched bipolar transistor ESBT 2200V - 3A - 0.33OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC03DE220HV Datasheet(HTML) 2 Page - STMicroelectronics

  STC03DE220HV Datasheet HTML 1Page - STMicroelectronics STC03DE220HV Datasheet HTML 2Page - STMicroelectronics STC03DE220HV Datasheet HTML 3Page - STMicroelectronics STC03DE220HV Datasheet HTML 4Page - STMicroelectronics STC03DE220HV Datasheet HTML 5Page - STMicroelectronics STC03DE220HV Datasheet HTML 6Page - STMicroelectronics STC03DE220HV Datasheet HTML 7Page - STMicroelectronics STC03DE220HV Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STC03DE220HV
2/8
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7


Similar Part No. - STC03DE220HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STC03DE220HV STMICROELECTRONICS-STC03DE220HV Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results

Similar Description - STC03DE220HV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE07DE220 STMICROELECTRONICS-STE07DE220 Datasheet
113Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200V - 7A - 0.07??power module
STC03DE170HP STMICROELECTRONICS-STC03DE170HP Datasheet
313Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55OHM
STC03DE170HV STMICROELECTRONICS-STC03DE170HV_06 Datasheet
286Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.55 OHM
STC20DE90HV STMICROELECTRONICS-STC20DE90HV Datasheet
255Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STC08DE150HV STMICROELECTRONICS-STC08DE150HV Datasheet
270Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
STC20DE90HP STMICROELECTRONICS-STC20DE90HP Datasheet
281Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 900V - 20A - 0.06 ohm
STE50DE100 STMICROELECTRONICS-STE50DE100_07 Datasheet
308Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1000V - 50A - 0.026 ohm
STC08DE150HP STMICROELECTRONICS-STC08DE150HP Datasheet
297Kb / 11P
   Hybrid emitter switched bipolar transistor ESBT 1500V - 8A - 0.075 ohm
October 2006 Rev 1
STC03DE220HV STMICROELECTRONICS-STC03DE220HV_08 Datasheet
104Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
STC03DE220HP STMICROELECTRONICS-STC03DE220HP Datasheet
128Kb / 7P
   Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 ?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com