Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5302 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 2N5302
Description  High−Power NPN Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5302 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5302_06 Datasheet HTML 1Page - ON Semiconductor 2N5302_06 Datasheet HTML 2Page - ON Semiconductor 2N5302_06 Datasheet HTML 3Page - ON Semiconductor 2N5302_06 Datasheet HTML 4Page - ON Semiconductor 2N5302_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N5302
http://onsemi.com
4
300
0.03
Figure 9. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
10
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
100
50
30
20
Figure 10. Collector Saturation Region
2.0
0.01
IB, BASE CURRENT (AMP)
0
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
1.6
1.2
0.8
0.4
IC = 2.0 A
TJ = 25°C
5.0 A
10 A
200
70
TJ = 175°C
25
°C
−55
°C
VCE = 10 V
VCE = 2.0 V
20 A
108
0
Figure 11. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
200
106
105
104
103
102
180
VCE = 30 V
IC = 2 x ICES
IC ≈ ICES
TYPICAL ICES VALUES OBTAINED
FROM FIGURE 13
107
IC = 10 x ICES
2.0
0.03
IC, COLLECTOR CURRENT (AMP)
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
1.6
0.8
0.6
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 12. “On” Voltages
1.8
1.4
1.2
1.0
0.2
VBE(on) @ VCE = 2.0 V
103
−0.4
Figure 13. Collector Cut−Off Region
VBE, BASE−EMITTER VOLTAGE (VOLTS)
102
101
100
10−1
10− 2
10− 3
−0.3
−0.2 −0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
VCE = 30 V
TJ = 175°C
100
°C
25
°C
REVERSE
FORWARD
IC = ICES
+2.5
0.03
Figure 14. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.05
0.1
0.3
0.5
1.0
3.0
5.0
10
30
+2.0
+1.5
+0.5
0
−0.5
−1.0
−1.5
−2.0
−2.5
qVB for VBE(sat)
*
qVC for VCE(sat)
TJ = −55°C to +175°C
*APPLIES FOR IC/IB <
hFE @VCE + 2.0 V
2
+1.0


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn