Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4401RLRA Datasheet(PDF) 6 Page - ON Semiconductor

Part # 2N4401RLRA
Description  General Purpose Transistors NPN Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4401RLRA Datasheet(HTML) 6 Page - ON Semiconductor

  2N4401RLRA Datasheet HTML 1Page - ON Semiconductor 2N4401RLRA Datasheet HTML 2Page - ON Semiconductor 2N4401RLRA Datasheet HTML 3Page - ON Semiconductor 2N4401RLRA Datasheet HTML 4Page - ON Semiconductor 2N4401RLRA Datasheet HTML 5Page - ON Semiconductor 2N4401RLRA Datasheet HTML 6Page - ON Semiconductor 2N4401RLRA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2N4401
http://onsemi.com
6
STATIC CHARACTERISTICS
Figure 15. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 16. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
TJ = 25°C
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
500 mA
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0
7.0
TJ = 125°C
−55°C
2.0
200
300
25°C
VCE = 1.0 V
VCE = 10 V
Figure 17. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 18. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0 2.0
5.0
10
20
50
0
100
−0.5
0
+0.5
−1.0
−1.5
−2.0
500
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 10 V
qVC for VCE(sat)
qVB for VBE
200
0.1 0.2
0.5
−2.5
1.0 2.0
5.0
10
20
50 100
500
200
0.1 0.2
0.5


Similar Part No. - 2N4401RLRA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4401RLRA ONSEMI-2N4401RLRA Datasheet
122Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 1
2N4401RLRA ONSEMI-2N4401RLRA Datasheet
200Kb / 7P
   General Purpose Transistors
February, 2010 ??Rev. 4
2N4401RLRAG ONSEMI-2N4401RLRAG Datasheet
122Kb / 8P
   General Purpose Transistors
June, 2004 ??Rev. 1
2N4401RLRAG ONSEMI-2N4401RLRAG Datasheet
200Kb / 7P
   General Purpose Transistors
February, 2010 ??Rev. 4
More results

Similar Description - 2N4401RLRA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com