Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4123 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 2N4123
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4123 Datasheet(HTML) 4 Page - ON Semiconductor

  2N4123_07 Datasheet HTML 1Page - ON Semiconductor 2N4123_07 Datasheet HTML 2Page - ON Semiconductor 2N4123_07 Datasheet HTML 3Page - ON Semiconductor 2N4123_07 Datasheet HTML 4Page - ON Semiconductor 2N4123_07 Datasheet HTML 5Page - ON Semiconductor 2N4123_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N4123, 2N4124
http://onsemi.com
4
Figure 5. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 6. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 7. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 8. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
5
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.5
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.5
0.1
0.2
1.0
2.0
5.0
10
0.5
2
1
0.1
0.2
1.0
2.0
5.0
10
0.5
h PARAMETERS
(VCE = 10 V, f = 1 kHz, TA = 25°C)
STATIC CHARACTERISTICS
Figure 9. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.3
0.5
0.7
1.0
2.0
0.2
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.1
100
1.0
0.7
200
30
20
5.0
7.0
VCE = 1 V
TJ = +125°C
+25°C
−55°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2N4401_07 General Purpose Transistors NPN Silicon 1  2  3  4  5  More ON Semiconductor
2SC5658M3T5G NPN Silicon General Purpose Amplifier Transistor 1  2  3  4  Vaishali Semiconductor
MSD42SWT1 NPN Silicon General Purpose High Voltage Transistor 1  2  ON Semiconductor
2N4403 General Purpose Transistors PNP Silicon 1  2  3  4  5  More ON Semiconductor
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
BC171 NPN SILICON PLANAR TRANSISTORS 1  2  3  4  Continental Device India Limited
SC2412KLT1 General Purpose Transistors 1  2  3  List of Unclassifed Manufacturers
DTC114EM3T5G Digital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
XN05501 Silicon NPN epitaxial planar type For general amplification 1  2  3  Panasonic Semiconductor
2N5551 NPN General Purpose Amplifier 1  2  3  4  5  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn