Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4123 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 2N4123
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4123 Datasheet(HTML) 1 Page - ON Semiconductor

  2N4123_07 Datasheet HTML 1Page - ON Semiconductor 2N4123_07 Datasheet HTML 2Page - ON Semiconductor 2N4123_07 Datasheet HTML 3Page - ON Semiconductor 2N4123_07 Datasheet HTML 4Page - ON Semiconductor 2N4123_07 Datasheet HTML 5Page - ON Semiconductor 2N4123_07 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 3
1
Publication Order Number:
2N4123/D
2N4123, 2N4124
General Purpose
Transistors
NPN Silicon
Features
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
2N4123
2N4124
VCEO
30
25
Vdc
Collector−Base Voltage
2N4123
2N4124
VCBO
40
30
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
IC
200
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
W
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
Thermal Resistance, Junction−to−Case
RqJC
83.3
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
x = 3 or 4
A = Assembly Location
Y = Year
WW = Work Week
G = Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
MPS
412x
AYWW
G
G
2N4124G
TO−92
(Pb−Free)
5000 Units / Bulk
Device
Package
Shipping
2N4123RLRM
TO−92
2000 / Tape & Ammo
ORDERING INFORMATION
1 2
3
1
2
BENT LEAD
TAPE & REEL
AMMO PACK
STRAIGHT LEAD
BULK PACK
3
TO−92
CASE 29
STYLE 1
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2N4401_07 General Purpose Transistors NPN Silicon 1  2  3  4  5  More ON Semiconductor
2SC5658M3T5G NPN Silicon General Purpose Amplifier Transistor 1  2  3  4  Vaishali Semiconductor
MSD42SWT1 NPN Silicon General Purpose High Voltage Transistor 1  2  ON Semiconductor
2N4403 General Purpose Transistors PNP Silicon 1  2  3  4  5  More ON Semiconductor
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
BC171 NPN SILICON PLANAR TRANSISTORS 1  2  3  4  Continental Device India Limited
SC2412KLT1 General Purpose Transistors 1  2  3  List of Unclassifed Manufacturers
DTC114EM3T5G Digital Transistors BRT NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
XN05501 Silicon NPN epitaxial planar type For general amplification 1  2  3  Panasonic Semiconductor
2N5551 NPN General Purpose Amplifier 1  2  3  4  5  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn