Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3771 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N3771
Description  High Power NPN Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3771 Datasheet(HTML) 3 Page - ON Semiconductor

  2N3771_06 Datasheet HTML 1Page - ON Semiconductor 2N3771_06 Datasheet HTML 2Page - ON Semiconductor 2N3771_06 Datasheet HTML 3Page - ON Semiconductor 2N3771_06 Datasheet HTML 4Page - ON Semiconductor 2N3771_06 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2N3771, 2N3772
http://onsemi.com
3
200
0
0
25
50
75
100
125
150
175
200
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
150
100
50
25
175
125
75
Figure 2. Thermal Response — 2N3771, 2N3772
t, TIME (ms)
1.0
0.01
0.02
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
2000
qJC(t) = r(t) qJC
qJC = 0.875°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
0.01
SINGLE PULSE
0.1
0.02
1000
40
1.0
Figure 3. Active−Region Safe Operating Area
— 2N3771, 2N3772
VCE, COLLECTOR−EMITTER VOLTAGE (VOLTS)
30
20
10
2.0
2.0
3.0
5.0
10
30
50
70 100
7.0
dc
5.0
7.0
3.0
100
ms
1.0 ms
20
2N3771
2N3772, (dc)
40
ms
100 ms
500 ms
PULSE CURVES APPLY
FOR ALL DEVICES
2N3771
2N3772
200
ms
BONDING WIRE LIMITED
THERMALLY LIMITED
(SINGLE PULSE)
SECOND BREAKDOWN LIMITED
CURVES APPLY BELOW RATED VCEO
TC = 25°C
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation: i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
Figure 3 is based on JEDEC registered Data. Second
breakdown pulse limits are valid for duty cycles to 10%
provided TJ(pk) < 200_C. TJ(pk) may be calculated from the
data of Figure 2. Using data of Figure 2 and the pulse power
limits of Figure 3, TJ(pk) will be found to be less than TJ(max)
for pulse widths of 1 ms and less. When using ON
Semiconductor transistors, it is permissible to increase the
pulse power limits until limited by TJ(max).


Similar Part No. - 2N3771_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3771 STMICROELECTRONICS-2N3771_00 Datasheet
46Kb / 4P
   HIGH POWER NPN SILICON TRANSISTOR
More results

Similar Description - 2N3771_06

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3771 BOCA-2N3771 Datasheet
138Kb / 3P
   HIGH POWER NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N3772G ONSEMI-2N3772G Datasheet
80Kb / 5P
   High Power NPN Silicon Power Transistors
October, 2006 ??Rev. 11
logo
Mospec Semiconductor
2SD424 MOSPEC-2SD424 Datasheet
43Kb / 2P
   HIGH-POWER NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BUW48 STMICROELECTRONICS-BUW48 Datasheet
62Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
M/A-COM Technology Solu...
2N3902 MA-COM-2N3902 Datasheet
501Kb / 4P
   NPN High Power Silicon Transistors
logo
STMicroelectronics
BUX48 STMICROELECTRONICS-BUX48 Datasheet
89Kb / 7P
   HIGH POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX98 NJSEMI-BUX98 Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6338 ONSEMI-2N6338 Datasheet
66Kb / 4P
   High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6338 BOCA-2N6338 Datasheet
134Kb / 3P
   HIGH-POWER NPN SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
BUW48 NJSEMI-BUW48 Datasheet
104Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com