Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA302DR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPA302DR
Description  300-mW STEREO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302DR Datasheet(HTML) 5 Page - Texas Instruments

  TPA302DR Datasheet HTML 1Page - Texas Instruments TPA302DR Datasheet HTML 2Page - Texas Instruments TPA302DR Datasheet HTML 3Page - Texas Instruments TPA302DR Datasheet HTML 4Page - Texas Instruments TPA302DR Datasheet HTML 5Page - Texas Instruments TPA302DR Datasheet HTML 6Page - Texas Instruments TPA302DR Datasheet HTML 7Page - Texas Instruments TPA302DR Datasheet HTML 8Page - Texas Instruments TPA302DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
1
0.1
0.010
10
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 5 V
PO = 250 mW
RL = 8 Ω
AV = −5 V/V
VO1
VO2
1
0.1
0.010
10
20
100
1 k
10 k 20 k
f − Frequency − Hz
VCC = 5 V
PO = 250 mW
RL = 8 Ω
AV = −1 V/V
VO1
VO2
TPA302
SLOS174C – JANUARY 1997 – REVISED JUNE 2004
Table of Graphs
FIGURE
vs Frequency
1-3, 7-9, 13-15, 19-21
THD+N
Total harmonic distortion plus noise
vs Output power
4-6, 10-12 16-18, 22-24
vs Supply voltage
25
IDD
Supply current
vs Free-air temperature
26
Vn
Output noise voltage
vs Frequency
27, 28
Maximum package power dissipation
vs Free-air temperature
29
Power dissipation
vs Output power
30, 31
POmax
Maximum output power
vs Free-air temperature
32, 33
vs Load resistance
34
PO
Output power
vs Supply voltage
35
Open-loop response
36
Closed-loop response
37
Crosstalk
vs Frequency
38, 39
Supply ripple rejection ratio
vs Frequency
40, 41
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 1.
Figure 2.
5


Similar Part No. - TPA302DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA302DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com