Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA301DGNG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA301DGNG4
Description  350-mW MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA301DGNG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPA301DGNG4 Datasheet HTML 1Page - Texas Instruments TPA301DGNG4 Datasheet HTML 2Page - Texas Instruments TPA301DGNG4 Datasheet HTML 3Page - Texas Instruments TPA301DGNG4 Datasheet HTML 4Page - Texas Instruments TPA301DGNG4 Datasheet HTML 5Page - Texas Instruments TPA301DGNG4 Datasheet HTML 6Page - Texas Instruments TPA301DGNG4 Datasheet HTML 7Page - Texas Instruments TPA301DGNG4 Datasheet HTML 8Page - Texas Instruments TPA301DGNG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
AVAILABLE OPTIONS
PACKAGED DEVICES
MSOP
TA
SMALL OUTLINE(1)
MSOP(1)
SYMBOLIZATION
(D)
(DGN)
–40
°C to 85°C
TPA301D
TPA301DGN
AAA
(1)
The D and DGN packages are available taped and reeled. To order a taped and reeled part, add the
suffix R to the part number (e.g., TPA301DR).
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
VDD
Supply voltage
6 V
VI
Input voltage
–0.3 V to VDD +0.3 V
Continuous total power dissipation
Internally limited (see Dissipation Rating Table)
TA
Operating free-air temperature range
–40
°C to 85°C
TJ
Operating junction temperature range
–40
°C to 150°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
D
725 mW
5.8 mW/
°C
464 mW
377 mW
DGN
2.14 W(1)
17.1 mW/
°C
1.37 W
1.11 W
(1)
See the Texas Instruments document, PowerPAD Thermally Enhanced Package Application Report
(SLMA002), for more information on the PowerPAD package. The thermal data was measured on a
PCB layout based on the information in the section entitled Texas Instruments Recommended Board
for PowerPAD™ on page 33 of the before mentioned document.
MIN
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level voltage
SHUTDOWN
0.9 VDD
V
VIL
Low-level voltage
SHUTDOWN
0.1 VDD
V
TA
Operating free-air temperature
–40
85
°C
2


Similar Part No. - TPA301DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA301DGNG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com