Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA302D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA302D
Description  300-mW STEREO AUDIO POWER AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA302D Datasheet(HTML) 2 Page - Texas Instruments

  TPA302D Datasheet HTML 1Page - Texas Instruments TPA302D Datasheet HTML 2Page - Texas Instruments TPA302D Datasheet HTML 3Page - Texas Instruments TPA302D Datasheet HTML 4Page - Texas Instruments TPA302D Datasheet HTML 5Page - Texas Instruments TPA302D Datasheet HTML 6Page - Texas Instruments TPA302D Datasheet HTML 7Page - Texas Instruments TPA302D Datasheet HTML 8Page - Texas Instruments TPA302D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
TPA302
SLOS174C – JANUARY 1997 – REVISED JUNE 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE(1)
(D)
–40
°C to 85°C
TPA302D
(1)
The D packages are available taped and reeled. To order a taped
and reeled part, add the suffix R (e.g., TPA302DR)
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
VDD
Supply voltage
6 V
VI
Input voltage
–0.3 V to VDD + 0.3 V
Continuous total power dissipation
Internally limited (see Dissipation Rating Table)
TJ
Operating junction temperature range
–40
°C to 150° C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
731 mW
5.8 mW/
°C
460 mW
380 mW
MIN
MAX
UNIT
VDD
Supply voltage
2.7
5.5
V
TA
Operating free-air temperature
–40
85
°C
at specified free-air temperature, V
DD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
IDD
Supply current
2.25
5
mA
VIO
Input offset voltage
5
20
mV
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
55
dB
IDD(SD)
Quiescent current in shutdown
0.6
20
µA
2


Similar Part No. - TPA302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302D TI-TPA302D Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA302D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA302 TI-TPA302 Datasheet
398Kb / 21P
[Old version datasheet]   300-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA152 TI-TPA152_15 Datasheet
803Kb / 19P
[Old version datasheet]   75-mW STEREO AUDIO POWER AMPLIFIER
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_15 Datasheet
1Mb / 27P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6112A2 TI-TPA6112A2_15 Datasheet
820Kb / 25P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI1-TPA6111A2_17 Datasheet
1Mb / 29P
[Old version datasheet]   150-mW Stereo Audio Power Amplifier
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA112 TI-TPA112 Datasheet
472Kb / 28P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
[Old version datasheet]   150-mW STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com