Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2830ASIN92 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # CM2830ASIN92
Description  300mA CMOS LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CM2830ASIN92 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button CM2830ASIN92 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 12Page - List of Unclassifed Manufacturers CM2830ASIN92 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CM2830/CM2830A
300mA CMOS LDO
2004/04/30 Rev. 1.6
Champion Microelectronic Corporation
Page 9
ELECTRICAL CHARACTERISTICS
TA = +25
℃; unless otherwise noted
CM2830/CM2830A
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Note 1
7
V
Output Voltage Accuracy
Io = 1mA
-1.5
1.5
%
1.2V<VO(NOM)<=2.0V
1300
2.0V<VO(NOM)<=2.5V
800
Dropout Voltage
IO = 300mA,
VOUT=VO(NOM)-1.5%,
2.5V<VO(NOM)
300
mV
Output Current
VOUT > 1.2V
300
mA
Short Circuit Current
VOUT < 1.05V
150
300
mA
Current Limit
VOUT>1.2V
300
450
mA
Quiescent Current
VIN=5V, No Load
30
35
µ A
Ground Pin Current
I = 1mA to 300mA
30
35
µ A
IOUT=5mA, VIN=VOUT+1 to VOUT+2, VOUT <= 3.0V
-0.15
0.03
0.15
Line Regulation
IOUT=5mA, VIN=VOUT+1 to VOUT+2, VOUT > 3.0V
-0.3
0.06
0.3
%
Load Regulation
Io=1mA to 300mA
-1
0.2
1
%
f=1KHz
60
dB
f=10KHz
50
Power Supply Rejection
IO = 100mA
CO=2.2
F ceramic
µ
f=100KHz
40
Over Temperature Shutdown
150
Over Temperature Hysteresis
30
Output Noise
F=10Hz to 100kHz, CO=2.2
µ F, I
O = 10mA
30
µ Vrms
Output Voltage Temp. Coeff.
25
ppm/℃
Note 1. VIN(MIN) = VOUT + VDROPOUT
DETAILED DESCRIPTION
The CM2830/CM2830A family of CMOS regulators contain a PMOS pass transistor, voltage reference, error amplifier,
over-current protection, thermal shutdown, and short circuit protection.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, short output protection, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference. Over-current
and Thermal shutdown circuits become active when the junction temperature exceeds 150℃, or the current exceeds 300mA.
During thermal shutdown, the output voltage remains low. Normal operation is restored when the junction temperature drops
below 120℃.
The CM2830/CM2830A switches from voltage mode to current mode when the load exceeds the rated output current. This
prevents over-stress. The CM2830 also incorporates current fold-back to reduce power dissipation when the output is
short-circuited. This feature becomes active when the output drops below 1.05V, and reduces the current flow by 65%. Full
current is restored when the voltage exceeds 1.05V.
EXTERNAL CAPACITOR
The CM2830/2830A is stable with an output capacitor to ground of 2.2
µ F or greater. It can keep stable even with higher or poor
ESR capacitors. A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should
be larger than 0.1
µ F to have a beneficial effect. All capacitors should be placed in close proximity to the pins. A “quiet” ground
termination is desirable.


Similar Part No. - CM2830ASIN92

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2830ASIN92 CHAMP-CM2830ASIN92 Datasheet
612Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2830ASIN92

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com