Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA301 Datasheet(PDF) 18 Page - Texas Instruments

Part # TPA301
Description  350-mW MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA301 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPA301_07 Datasheet HTML 14Page - Texas Instruments TPA301_07 Datasheet HTML 15Page - Texas Instruments TPA301_07 Datasheet HTML 16Page - Texas Instruments TPA301_07 Datasheet HTML 17Page - Texas Instruments TPA301_07 Datasheet HTML 18Page - Texas Instruments TPA301_07 Datasheet HTML 19Page - Texas Instruments TPA301_07 Datasheet HTML 20Page - Texas Instruments TPA301_07 Datasheet HTML 21Page - Texas Instruments TPA301_07 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
www.ti.com
Midrail Bypass Capacitor, CB
10
C
B
250 k
v
1
R
F )
R
I
C
I
(10)
USING LOW-ESR CAPACITORS
5-V VERSUS 3.3-V OPERATION
HEADROOM AND THERMAL CONSIDERATIONS
P
dB +
10LogP
W +
10Log 3500 mW + –4.6 dB
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
The midrail bypass capacitor, CB, is the most critical capacitor and serves several important functions. During
start-up or recovery from shutdown mode, CB determines the rate at which the amplifier starts up. The second
function is to reduce noise produced by the power supply caused by coupling into the output drive signal. This
noise is from the midrail generation circuit internal to the amplifier, appearing as degraded PSRR and THD + N.
The capacitor is fed from a 250-k
Ω source inside the amplifier. To keep the start-up pop as low as possible, the
relationship shown in Equation 10 should be maintained, which ensures the input capacitor is fully charged
before the bypass capacitor is fully charged and the amplifier starts up.
As an example, consider a circuit where CB is 2.2 µF, CI is 0.47 µF, RF is 50 kΩ and RI is 10 kΩ. Inserting these
values into the Equation 10 we get: 18.2
≤ 35.5, which satisfies the rule. Recommended values for bypass
capacitor CB are 2.2 µF to 1 µF, ceramic or tantalum low-ESR, for the best THD and noise performance.
Low-ESR capacitors are recommended throughout this application. A real (as opposed to ideal) capacitor can be
modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this resistor minimizes the
beneficial effects of the capacitor in the circuit. The lower the equivalent value of this resistance, the more the
real capacitor behaves like an ideal capacitor.
The TPA301 operates over a supply range of 2.5 V to 5.5 V. This data sheet provides full specifications for 5-V
and 3.3-V operation, as these are considered to be the two most common standard voltages. There are no
special considerations for 3.3-V versus 5-V operation with respect to supply bypassing, gain setting, or stability.
The most important consideration is that of output power. Each amplifier in TPA301 can produce a maximum
voltage swing of VDD– 1 V. This means, for 3.3-V operation, clipping starts to occur when VO(PP) = 2.3 V as
opposed to VO(PP) = 4 V at 5 V. The reduced voltage swing subsequently reduces maximum output power into an
8-
Ω load before distortion becomes significant.
Operation from 3.3-V supplies, as can be shown from the efficiency formula in Equation 4, consumes
approximately two-thirds the supply power for a given output-power level than operation from 5-V supplies.
Linear power amplifiers dissipate a significant amount of heat in the package under normal operating conditions.
A typical music CD requires 12 dB to 15 dB of dynamic headroom to pass the loudest portions without distortion
as compared with the average power output. From the TPA301 data sheet, one can see that when the TPA301
is operating from a 5-V supply into a 8-
Ω speaker, 350-mW peaks are available. Converting watts to dB:
Subtracting the headroom restriction to obtain the average listening level without distortion yields:
–4.6 dB – 15 dB = –19.6 dB (15 dB headroom)
–4.6 dB – 12 dB = –16.6 dB (12 dB headroom)
–4.6 dB – 9 dB = –13.6 dB (9 dB headroom)
–4.6 dB – 6 dB = –10.6 dB (6 dB headroom)
–4.6 dB – 3 dB = –7.6 dB (3 dB headroom)
18


Similar Part No. - TPA301_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA301D TI-TPA301D Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA301_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com