Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0252PWP Datasheet(PDF) 2 Page - Texas Instruments

Part # TPA0252PWP
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0252PWP Datasheet(HTML) 2 Page - Texas Instruments

  TPA0252PWP Datasheet HTML 1Page - Texas Instruments TPA0252PWP Datasheet HTML 2Page - Texas Instruments TPA0252PWP Datasheet HTML 3Page - Texas Instruments TPA0252PWP Datasheet HTML 4Page - Texas Instruments TPA0252PWP Datasheet HTML 5Page - Texas Instruments TPA0252PWP Datasheet HTML 6Page - Texas Instruments TPA0252PWP Datasheet HTML 7Page - Texas Instruments TPA0252PWP Datasheet HTML 8Page - Texas Instruments TPA0252PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
www.ti.com
ROUT+
-
+
-
+
R
MUX
32-Step
Volume
Control
PC
Beep
MUX
Control
Depop
Circuitry
Power
Management
-
+
-
+
L
MUX
32-Step
Volume
Control
RHPIN
RLINEIN
DOWN
RIN
PC-BEEP
SE/BTL
LHPIN
LLINEIN
LIN
ROUT-
PVDD
VDD
BYPASS
SHUTDOWN
GND
LOUT+
LOUT-
HP/LINE
32-Step
Volume
Control
32-Step
Volume
Control
UP
40 kW
40 kW
VDD
VDD
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGED DEVICE
TA
TSSOP(1) (PWP)
-40
°C to 85°C
TPA0252PWP
(1)
The PWP package is available taped and reeled. To order a taped and reeled part, add the suffix R
to the part number (e.g., TPA0252PWPR).
2


Similar Part No. - TPA0252PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252PWP TI-TPA0252PWP Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI1-TPA0252PWP Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPG4 TI1-TPA0252PWPG4 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI1-TPA0252PWPR Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0252PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com