Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0233DGQG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPA0233DGQG4
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0233DGQG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA0233DGQG4 Datasheet HTML 2Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 3Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 4Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 5Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 6Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 7Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 8Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 9Page - Texas Instruments TPA0233DGQG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 3
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
TA = 25 °C
Bypass = VDD/2 VDC
VDD From Low-to-High Level
Mode = Stereo
RL = Open
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.0
3.5
4.0
4.5
5.0
5.5
Figure 4
RL = 4 Ω
RL = 8 Ω
THD+N = 1%
f = 1 kHz
Mode = Mono
AV = 8 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
0
100
200
300
400
500
3.0
3.5
4.0
4.5
5.0
5.5
Figure 5
RL = 8 Ω
RL = 32 Ω
THD+N = 1%
f = 1 kHz
Mode = Stereo
AV = 2 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
0.0
0.5
1.0
1.5
2.0
2.5
0
102030
405060
Figure 6
OUTPUT POWER
vs
LOAD RESISTANCE
RL – Load Resistance – Ω
VDD = 5 V
VDD = 3 V
THD+N = 1%
f = 1 kHz
Mode = Mono
AV = 8 dB


Similar Part No. - TPA0233DGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0233DGQ TI-TPA0233DGQ Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results

Similar Description - TPA0233DGQG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0243 TI-TPA0243 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com