Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA0253 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA0253
Description  1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0253 Datasheet(HTML) 5 Page - Texas Instruments

  TPA0253_07 Datasheet HTML 1Page - Texas Instruments TPA0253_07 Datasheet HTML 2Page - Texas Instruments TPA0253_07 Datasheet HTML 3Page - Texas Instruments TPA0253_07 Datasheet HTML 4Page - Texas Instruments TPA0253_07 Datasheet HTML 5Page - Texas Instruments TPA0253_07 Datasheet HTML 6Page - Texas Instruments TPA0253_07 Datasheet HTML 7Page - Texas Instruments TPA0253_07 Datasheet HTML 8Page - Texas Instruments TPA0253_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPA0253
1-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS280D – JANUARY 2000 – REVISED NOVEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured differentially)
RL = 4 Ω, ST/MN = 0 V, SHUTDOWN = 2 V
30
mV
PSRR
Power supply rejection ratio
VDD = 4.9 V to 5.1 V, BTL mode
62
dB
|I
|
High level input current
SHUTDOWN, VDD =5.5 V,
VI = VDD
1
A
|IIH|
High-level input current
ST/MN, VDD = 5.5 V,
VI = VDD
1
µA
|I |
Low level input current
SHUTDOWN, VDD = 5.5 V,
VI = 0 V
1
A
|IIL|
Low-level input current
ST/MN, VDD = 5.5 V,
VI = 0 V
1
µA
ZI
Input impedance
50
k
IDD
Supply current
SHUTDOWN = 2 V
3.2
4.8
mA
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0 V
1
10
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 8 Ω, f = 1 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P
Output power (see Note 1)
THD = 0.1%,
BTL mode
1
W
PO
Output power (see Note 1)
THD = 0.1%,
SE mode,
RL = 32 Ω
85
mW
THD + N
Total harmonic distortion plus
noise
PO = 1 W,
f = 20 Hz to 20 kHz
0.33%
BOM
Maximum output power
bandwidth
Gain = 8 dB,
THD = 2%
20
kHz
Supple ripple rejection ratio
f
1 kHz
C0 47 F
BTL mode
46
dB
Supple ripple rejection ratio
f = 1 kHz,
C(BYP) = 0.47 µF
SE mode
60
dB
V
Noise output voltage
C0 47 F
f
20Hzto20kHz
BTL mode
85
V
Vn
Noise output voltage
C(BYP) = 0.47 µF,
f = 20 Hz to 20 kHz
SE mode
34
µVRMS
NOTE 1: Output power is measured at the output terminals of the device at f = 1 kHz.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn