Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0252 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPA0252
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0252 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA0252 Datasheet HTML 7Page - Texas Instruments TPA0252 Datasheet HTML 8Page - Texas Instruments TPA0252 Datasheet HTML 9Page - Texas Instruments TPA0252 Datasheet HTML 10Page - Texas Instruments TPA0252 Datasheet HTML 11Page - Texas Instruments TPA0252 Datasheet HTML 12Page - Texas Instruments TPA0252 Datasheet HTML 13Page - Texas Instruments TPA0252 Datasheet HTML 14Page - Texas Instruments TPA0252 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
2
1.5
0
0
8
16
24
32
40
2.5
3
3.5
48
56
64
RL - Load Resistance - Ω
AV = 20 to 0 dB
BTL
1% THD+N
10% THD+N
1
0.5
750
0
0
8
16
1000
1250
1500
24
32
RL - Load Resistance - Ω
AV = 14 to 0 dB
SE
1% THD+N
10% THD+N
500
250
40
48
56
64
0.6
0.4
0.2
0
0
1
1
1.2
1.4
1.5
2.5
0.8
PO - Output Power - W
4
8
f = 1 kHz
BTL
Each Channel
3
1.6
1.8
0.5
2
0.1
0.05
0
0
0.2
0.2
0.25
0.3
0.3
0.8
0.15
PO - Output Power - W
8
32
f = 1 kHz
SE
Each Channel
4
0.35
0.4
0.1
0.7
0.4
0.5
0.6
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
OUTPUT POWER
OUTPUT POWER
vs
vs
LOAD RESISTANCE
LOAD RESISTANCE
Figure 23.
Figure 24.
POWER DISSIPATION
POWER DISSIPATION
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 25.
Figure 26.
11


Similar Part No. - TPA0252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI-TPA0252PWP Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI1-TPA0252PWP Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPG4 TI1-TPA0252PWPG4 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0252

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com