Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0252 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPA0252
Description  2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0252 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA0252_07 Datasheet HTML 8Page - Texas Instruments TPA0252_07 Datasheet HTML 9Page - Texas Instruments TPA0252_07 Datasheet HTML 10Page - Texas Instruments TPA0252_07 Datasheet HTML 11Page - Texas Instruments TPA0252_07 Datasheet HTML 12Page - Texas Instruments TPA0252_07 Datasheet HTML 13Page - Texas Instruments TPA0252_07 Datasheet HTML 14Page - Texas Instruments TPA0252_07 Datasheet HTML 15Page - Texas Instruments TPA0252_07 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.ti.com
40
30
20
10
-40
-20
60
70
80
-10
10
50
AV - Gain - dB
90
-30
0
20
1
0
-40
0
3
4
5
20
160
2
TA - Ambient Temperature - °C
6
7
-20
100
40
60
80
120 140
ΘJA3
ΘJA1,2
ΘJA4
ΘJA1 = 45.9°C/W
ΘJA2 = 45.2°C/W
ΘJA3 = 31.2°C/W
ΘJA4 = 18.6°C/W
0.6
0.4
0.2
0.0
0
2
1.0
1.2
1.4
3
5
0.8
VAUX - V
1.6
1
4
1.5
2.5
4.5
0.5
3.5
5.5
125
°C
25
°C
-40
°C
TPA0252
SLOS288B – JUNE 2000 – REVISED SEPTEMBER 2004
POWER DISSIPATION
INPUT RESISTANCE
vs
vs
AMBIENT TEMPERATURE
GAIN
Figure 27.
Figure 28.
SUPPLY CURRENT
vs
VAUX
Figure 29.
12


Similar Part No. - TPA0252_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0252PWP TI-TPA0252PWP Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWP TI1-TPA0252PWP Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPG4 TI1-TPA0252PWPG4 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252PWPR TI1-TPA0252PWPR Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results

Similar Description - TPA0252_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0152 TI1-TPA0152_16 Datasheet
967Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0162 TI1-TPA0162_16 Datasheet
972Kb / 36P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI-TPA0252 Datasheet
493Kb / 29P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0252 TI1-TPA0252_16 Datasheet
929Kb / 35P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI1-TPA0132_15 Datasheet
476Kb / 30P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI1-TPA0142_16 Datasheet
492Kb / 32P
[Old version datasheet]   2.8-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0242 TI1-TPA0242_16 Datasheet
494Kb / 32P
[Old version datasheet]   STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0152 TI-TPA0152 Datasheet
444Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com