Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA0233 Datasheet(PDF) 20 Page - Texas Instruments

Part No. TPA0233
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0233 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPA0233_07 Datasheet HTML 16Page - Texas Instruments TPA0233_07 Datasheet HTML 17Page - Texas Instruments TPA0233_07 Datasheet HTML 18Page - Texas Instruments TPA0233_07 Datasheet HTML 19Page - Texas Instruments TPA0233_07 Datasheet HTML 20Page - Texas Instruments TPA0233_07 Datasheet HTML 21Page - Texas Instruments TPA0233_07 Datasheet HTML 22Page - Texas Instruments TPA0233_07 Datasheet HTML 23Page - Texas Instruments TPA0233_07 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
20
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
DGQ (S-PDSO-G10)
PowerPAD
 PLASTIC SMALL-OUTLINE PACKAGE
0,69
0,41
0,25
Thermal Pad
(See Note D)
0,15 NOM
Gage Plane
4073273/A 04/98
4,98
0,17
6
3,05
4,78
2,95
10
5
3,05
2,95
1
0,27
0,15
0,05
1,07 MAX
Seating Plane
0,10
0,50
M
0,25
0
°–6°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. The package thermal performance may be enhanced by bonding the thermal pad to an external thermal plane.
This pad is electrically and thermally connected to the backside of the die and possibly selected leads.
PowerPAD is a trademark of Texas Instruments.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn