Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA0233 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TPA0233
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0233 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPA0233_07 Datasheet HTML 2Page - Texas Instruments TPA0233_07 Datasheet HTML 3Page - Texas Instruments TPA0233_07 Datasheet HTML 4Page - Texas Instruments TPA0233_07 Datasheet HTML 5Page - Texas Instruments TPA0233_07 Datasheet HTML 6Page - Texas Instruments TPA0233_07 Datasheet HTML 7Page - Texas Instruments TPA0233_07 Datasheet HTML 8Page - Texas Instruments TPA0233_07 Datasheet HTML 9Page - Texas Instruments TPA0233_07 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TPA0233
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS278D – JANUARY 2000 – REVISED NOVEMBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
1
2
3
4
5
6
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Figure 3
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
TA = 25 °C
Bypass = VDD/2 VDC
VDD From Low-to-High Level
Mode = Stereo
RL = Open
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.0
3.5
4.0
4.5
5.0
5.5
Figure 4
RL = 4 Ω
RL = 8 Ω
THD+N = 1%
f = 1 kHz
Mode = Mono
AV = 8 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
0
100
200
300
400
500
3.0
3.5
4.0
4.5
5.0
5.5
Figure 5
RL = 8 Ω
RL = 32 Ω
THD+N = 1%
f = 1 kHz
Mode = Stereo
AV = 2 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
0.0
0.5
1.0
1.5
2.0
2.5
0
102030
405060
Figure 6
OUTPUT POWER
vs
LOAD RESISTANCE
RL – Load Resistance – Ω
VDD = 5 V
VDD = 3 V
THD+N = 1%
f = 1 kHz
Mode = Mono
AV = 8 dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn