Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0211 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPA0211
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0211 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA0211_07 Datasheet HTML 9Page - Texas Instruments TPA0211_07 Datasheet HTML 10Page - Texas Instruments TPA0211_07 Datasheet HTML 11Page - Texas Instruments TPA0211_07 Datasheet HTML 12Page - Texas Instruments TPA0211_07 Datasheet HTML 13Page - Texas Instruments TPA0211_07 Datasheet HTML 14Page - Texas Instruments TPA0211_07 Datasheet HTML 15Page - Texas Instruments TPA0211_07 Datasheet HTML 16Page - Texas Instruments TPA0211_07 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 1. Common Load Impedances vs Low Frequency Output Characteristics in SE Mode
RL
C(C)
Lowest Frequency
3
330
µF
161 Hz
4
330
µF
120 Hz
8
330
µF
60 Hz
32
330
µF
15 Hz
10,000
330
µF
0.05 Hz
47,000
330
µF
0.01 Hz
As Table 1 indicates, most of the bass response is attenuated into a 4-
Ω load, an 8-Ω load is adequate,
headphone response is good, and drive into line level inputs (a home stereo for example) is exceptional.
Furthermore, the total amount of ripple current that must flow through the capacitor must be considered when
choosing the component. As shown in the application circuit, one coupling capacitor must be in series with the
mono loudspeaker for proper operation of the stereo-mono switching circuit. For a 4-
Ω load, this capacitor must
be able to handle about 700 mA of ripple current for a continuous output power of 2 W.
using low-ESR capacitors
Low-ESR capacitors are recommended throughout this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in series with an ideal capacitor. The voltage drop across this
resistor minimizes the beneficial effects of the capacitor in the circuit. The lower the equivalent value of this
resistance the more the real capacitor behaves like an ideal capacitor.
bridged-tied load versus single-ended mode
Figure 22 shows a Class-AB audio power amplifier (APA) in a BTL configuration. The TPA0211 BTL amplifier
consists of two Class-AB amplifiers driving both ends of the load. There are several potential benefits to this
differential drive configuration, but initially consider power to the load. The differential drive to the speaker
means that as one side is slewing up, the other side is slewing down, and vice versa. This, in effect, doubles
the voltage swing on the load as compared to a ground referenced load. Plugging 2
× VO(PP) into the power
equation, where voltage is squared, yields 4
× the output power from the same supply rail and load impedance.
(See equation 7.)
Power
+
V
(RMS)
2
R
L
(7)
V
(RMS
) +
V
O(PP)
22


Similar Part No. - TPA0211_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211DGN TI-TPA0211DGN Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGN TI1-TPA0211DGN Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI1-TPA0211DGNG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNR TI1-TPA0211DGNR Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0211_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com