Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA0211 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TPA0211
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TPA0211 Datasheet(HTML) 5 Page - Texas Instruments

  TPA0211_07 Datasheet HTML 1Page - Texas Instruments TPA0211_07 Datasheet HTML 2Page - Texas Instruments TPA0211_07 Datasheet HTML 3Page - Texas Instruments TPA0211_07 Datasheet HTML 4Page - Texas Instruments TPA0211_07 Datasheet HTML 5Page - Texas Instruments TPA0211_07 Datasheet HTML 6Page - Texas Instruments TPA0211_07 Datasheet HTML 7Page - Texas Instruments TPA0211_07 Datasheet HTML 8Page - Texas Instruments TPA0211_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–50
–70
–80
–100
20
100
1 k
–30
–20
0
10 k 20 k
50
200
500
2 k
5 k
–90
–60
–40
–10
RL = 8 Ω,
CB = 1 µ,F
Mode = BTL
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
Figure 1
Figure 2
–50
–70
–80
–100
20
100
1 k
–30
–20
0
10 k 20 k
50
200
500
2 k
5 k
–90
–60
–40
–10
RL = 32 Ω,
CB = 1 µF,
Mode = SE
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
Figure 3
0
0.5
1
1.5
2.5
3
3.5
4
2.5
3
3.5
4
4.5
5
5.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
TA = –40 °C
TA = 125 °C
TA = 25 °C
SHUTDOWN = VDD,
VDD From Low to High,
Mode = SE,
RL = Open,
Temperature From Hot to Cold
2
Figure 4
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
5.5
RL = 4 Ω
RL = 8 Ω
THD+N = 1%,
f = 1 kHz,
Mode = BTL,
AV = 8 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn