Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0211 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPA0211
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0211 Datasheet(HTML) 4 Page - Texas Instruments

  TPA0211_07 Datasheet HTML 1Page - Texas Instruments TPA0211_07 Datasheet HTML 2Page - Texas Instruments TPA0211_07 Datasheet HTML 3Page - Texas Instruments TPA0211_07 Datasheet HTML 4Page - Texas Instruments TPA0211_07 Datasheet HTML 5Page - Texas Instruments TPA0211_07 Datasheet HTML 6Page - Texas Instruments TPA0211_07 Datasheet HTML 7Page - Texas Instruments TPA0211_07 Datasheet HTML 8Page - Texas Instruments TPA0211_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics, VDD = 3 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
BTL mode,
f = 1 kHz
660
mW
PO
Output power
THD = 0.1%,
SE mode, f = 1 kHz,
RL = 32 Ω
33
mW
THD + N
Total harmonic distortion plus noise
PO = 500 mW, f = 20 Hz to 20 kHz
0.3%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%
20
kHz
SNR
Signal-to-noise ratio
88
dB
Vn
Output noise voltage
CB = 0.47 µF,
f=20Hzto
BTL mode, RL = 8 Ω,
AV= 8 dB
65
µVRMS
Vn
Output noise voltage
f = 20 Hz to
20 kHz
SE mode, RL = 32 Ω,
AV= 2 dB
25
µVRMS
electrical characteristics at specified free-air temperature, VDD = 5 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOO|
Output offset voltage (measured
differentially)
SE/BTL = 0 V, SHUTDOWN = 2 V, RL = 8 Ω, Inputs
floating
30
mV
IDD(BTL)
Supply current, BTL mode
SE/BTL = 2.75 V, SHUTDOWN = VDD
4
6
mA
IDD(SE)
Supply current, SE mode
SE/BTL = 4.5 V, SHUTDOWN = VDD
2
4
mA
IDD(SD)
Supply current, shutdown mode
SE/BTL = 5 V, SHUTDOWN = 0 V
1
10
µA
|IIH|
High level input current
SHUTDOWN
VDD = 5.5 V, VI = VDD
1
µA
|IIH|
High-level input current
SE/BTL
VDD = 5.5 V, VI = VDD
1
µA
|IIL|
Low-level input current
SHUTDOWN
VDD = 5.5 V, VI = 0 V
1
µA
|IIL|
Low-level input current
SE/BTL
VDD = 5.5 V, VI = 0 V
1
µA
operating characteristics, VDD = 5 V, TA = 25°C, RL = 4 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PO
Output power
THD = 1%,
BTL mode,
f = 1 kHz
2
W
PO
Output power
THD = 0.1%,
SE mode, f = 1 kHz,
RL = 32 Ω
92
mW
THD + N
Total harmonic distortion plus noise
PO = 1.5 W,
f = 20 Hz to 20 kHz
0.2%
BOM
Maximum output power bandwidth
Gain = 2.5,
THD = 2%
20
kHz
SNR
Signal-to-noise ratio
93
dB
V
Output noise voltage
CB = 0.47 µF,
f=20Hzto
BTL mode, RL = 8 Ω,
AV= 8 dB
65
µVRMS
Vn
Output noise voltage
f = 20 Hz to
20 kHz
SE mode, RL = 32 Ω,
AV= 2 dB
25
µVRMS
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply ripple rejection ratio
vs Frequency
1, 2
IDD
Supply current
vs Supply voltage
3
PO
Output power
vs Supply voltage
4, 5
PO
Output power
vs Load resistance
6, 7
THD+N
Total harmonic distortion plus noise
vs Frequency
8, 9, 10, 11
THD+N
Total harmonic distortion plus noise
vs Output power
12, 13, 14, 15, 16, 17
Vn
Output noise voltage
vs Frequency
18, 19
Closed loop gain and phase
20, 21


Similar Part No. - TPA0211_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211DGN TI-TPA0211DGN Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGN TI1-TPA0211DGN Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI1-TPA0211DGNG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNR TI1-TPA0211DGNR Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0211_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com