Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS869NTE4 Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ALS869NTE4
Description  SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS869NTE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALS869NTE4 Datasheet HTML 6Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 7Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 8Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 9Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 10Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 11Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 12Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 13Page - Texas Instruments SN74ALS869NTE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
SN54AS867, SN54AS869
SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869
SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN74ALS869
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN74ALS869
UNIT
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
– 0.4
mA
IOL
Low-level output current
8
mA
fclock
Clock frequency
0
35
MHz
tw(clock)
Pulse duration, CLK high or low
14
ns
Data inputs A – H
10
ENP or ENT
15
t
Set p time before CLK
S0 and S1 low (clear)
13
ns
tsu
Setup time before CLK
S0 low and S1 high (load)
13
ns
S0 high and S1 low (count down)
13
S0 and S1 high (count up)
13
th
Hold time after CLK
S0 high after S1
↑ or S1 high after S0↑
3
ns
th
Hold time after CLK
Data inputs A – H
0
ns
TA
Operating free-air temperature
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS869
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
V
VOL
VCC =4 5V
IOL = 4 mA
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
mA
IO§
VCC = 5.5 V,
VO = 2.25 V
–30
–112
mA
ICC
VCC = 5.5 V
28
45
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN74ALS869NTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS869NTE4 TI-SN74ALS869NTE4 Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
More results

Similar Description - SN74ALS869NTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS867 TI-SN54AS867_07 Datasheet
636Kb / 27P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54AS867 TI-SN54AS867 Datasheet
287Kb / 17P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
Fairchild Semiconductor
DM74ALS169B FAIRCHILD-DM74ALS169B Datasheet
69Kb / 7P
   Synchronous Four-Bit Up/Down Counters
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com